Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1135 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part No. DS1135
Description  3-in-1 High-Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1135 Datasheet(HTML) 6 Page - Dallas Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS1135
6 of 6
TERMINOLOGY
Period: The time elapsed between the leading edge of the first pulse and the leading edge of the
following pulse.
tWI(Pulse Width): The elapsed time on the pulse between the 1.5-volt point on the leading edge and the
1.5-volt point on the trailing edge or the 1.5-volt point on the trailing edge and the 1.5-volt point on the
leading edge.
tRISE (Input Rise Time): The elapsed time between the 20% and the 80% point on the leading edge of the
input pulse.
tFALL (Input Fall Time): The elapsed time between the 80% and the 20% point on the trailing edge on the
input pulse.
tPLH (Time Delay, Rising): The elapsed time between the 1.5-volt point on the leading edge of the input
pulse and the 1.5-volt point on the leading edge of the output pulse.
tPHL (Time Delay, Falling): The elapsed time between the 1.5-volt point on the falling edge of the input
pulse and the 1.5-volt point on the falling edge of the output pulse.
ORDERING INFORMATION
DS1135
TIME DELAY (ns): 5, 6, 8, 10, 12, 15, 20,
25, 30
PACKAGE TYPE:
M = DIP
Z = SOIC (150 Mil)
U = uSOP (118 Mil)


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10333-in-1 Low Voltage Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10353-in-1 High.Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
MXD10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreMaxim Integrated Products
DS10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10333-in-1 Low Voltage Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor
DS10005-Tap Silicon Delay Line 1 2 3 4 5 Dallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn