Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1077Z-125 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part No. DS1077Z-125
Description  EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077Z-125 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS1077Z-125 Datasheet HTML 11Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 12Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 13Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 14Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 15Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 16Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 17Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 18Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DS1077
15 of 21
AC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C; VCC = 5V ±5%)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
VCC = 5V, 25°C
-0.5
0
+0.5
VCC = 5V, 70°C
-0.5
0
+0.5
VCC = 5V,
-40
°C to +25°C
-3.3
+2.7
Output Frequency
Tolerance Over
Temperature
∆fO
VCC = 5V,
+25
°C to +85°C
-1.4
+1.4
%11
VCC = 4.75V,
25°C
-1.0
-0.7
Output Frequency
Tolerance Over Voltage
∆fO
VCC = 5.25V,
25°C
+0.7
+1.0
%
Combined Freq. Variation
∆fO
Over Temp
(0
°C to +70°C)
& Voltage
-1.65
+1.25
%
Output Frequency Min
8.13
kHz
Output Frequency Max
fOUT
133
MHz
2
Power-Up Time
tPOR +
tSTAB
0.1
1
ms
5
Enable OUT1 from PDN
tSTAB
0.1
1
ms
3
Enable OUT0 from PDN
tSTAB
0.1
1
ms
3
OUT1 Hi-Z from PDN
tHiZ
1ms
3
OUT0 Hi-Z from PDN
tHiZ
1ms
3
Load Capacitance
CL
15
50
pF
4
Output Duty Cycle
(OUT1, OUT0)
40
60
%
Output Jitter
fOUT=133MHz
M=1; DIV1=1
CL=12pF
3 sigma pk-to-
pk
30
psec


Similar Part No. - DS1077Z-125

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
Dallas Semiconductor
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
Maxim Integrated Products
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
Dallas Semiconductor
Dallas Semiconductor
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
More results

Similar Description - DS1077Z-125

ManufacturerPart No.DatasheetDescription
Dallas Semiconductor
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
Maxim Integrated Products
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
Dallas Semiconductor
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
Maxim Integrated Products
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
Dallas Semiconductor
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
Maxim Integrated Products
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz