Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1077Z-125 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1077Z-125
Description  EconOscillator/Divider
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077Z-125 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1077Z-125 Datasheet HTML 10Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 11Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 12Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 13Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 14Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 15Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 16Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 17Page - Dallas Semiconductor DS1077Z-125 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DS1077
14 of 21
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-0.5V to 6.0V
Operating Temperature Range
-40°C to +85°C
Programming Temperature Range
0
°C to +70°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
DC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, VCC = 5V ±5%)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
4.75
5
5.25
V
1
High-Level Output
Voltage
(OUT1,OUT0)
VOH
IOH = -4mA,
VCC = min
2.4
V
Low-Level Output
Voltage
(OUT1,OUT0)
VOL
IOL = 4mA
0.4
V
High-Level Input
Voltage (CTRL1,
CTRL0)
VIH
2.1
VCC+
0.3V
V
High-Level Input
Voltage (SDA, SCL)
VIH
0.7Vcc
VCC+
0.3V
V
Low-Level Input
Voltage
(CTRL1, CTRL0)
VIL
-0.3V
0.8
V
Low-Level Input
Voltage
(SDA, SCL)
VIL
-0.3V
0.3Vcc
High-Level Input
Current
(CTRL1, CTRL0,
SDA, SCL)
IIH
VIH = VCC =
5.25V
1µA
Low-Level Input
Current
(CTRL1, CTRL0,
SDA, SCL)
IIL
VCC = 5.25V,
VIL= 0
-1
µA
Supply Current
(Active)
ICC
CL = 15pF
(Both Outputs)
(-40
°C to +85°C)
50
mA
10
Standby Current
(Power-Down)
ICCQ
Power-Down
Mode
25
µA


Similar Part No. - DS1077Z-125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1077LU-40 DALLAS-DS1077LU-40 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1077LU-50 DALLAS-DS1077LU-50 Datasheet
274Kb / 20P
   3V EconOscillator/Divider
More results

Similar Description - DS1077Z-125

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
   3V EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com