Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1007-13 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1007-13
Description  7-1 Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1007-13 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1007-13 Datasheet HTML 1Page - Dallas Semiconductor DS1007-13 Datasheet HTML 2Page - Dallas Semiconductor DS1007-13 Datasheet HTML 3Page - Dallas Semiconductor DS1007-13 Datasheet HTML 4Page - Dallas Semiconductor DS1007-13 Datasheet HTML 5Page - Dallas Semiconductor DS1007-13 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS1007
6 of 6
TEST CONDITIONS
INPUT:
Ambient Temperature:
25°C ± 3°C
Supply Voltage (VCC):
5.0V ± 0.1V
Input Pulse:
High = 3.0V ± 0.1V
Low = 0.0V ± 0.1V
Source Impedance:
50 ohm max.
Rise and Fall Time:
3.0 ns max.
Pulse Width:
500 ns
Period:
1 µs
OUTPUT:
Each output is loaded with the equivalent of one 74F04 input gate. Delay is measured at the 1.5V level on
the rising edge.
NOTE:
Above conditions are for test only and do not restrict the operation of the device under other data sheet
conditions.


Similar Part No. - DS1007-13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1007-13 MAXIM-DS1007-13 Datasheet
61Kb / 6P
   7-1 Silicon Delay Line
111799
More results

Similar Description - DS1007-13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1007 MAXIM-DS1007 Datasheet
61Kb / 6P
   7-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
DS1044 DALLAS-DS1044 Datasheet
35Kb / 6P
   4-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com