Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSFR102 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # CSFR102
Description  1.0Amp. Surface Mount Ultra Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSFR102 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CSFR102 Datasheet HTML 1Page - Cystech Electonics Corp. CSFR102 Datasheet HTML 2Page - Cystech Electonics Corp. CSFR102 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C339SF
Issued Date : 2003.06.16
Revised Date :2007.08.24
Page No. : 3/3
CSFR10XSF
CYStek Product Specification
SOD-123 Dimension
Marking Code:
Device CSFR
101
CSFR
102
CSFR
103
CSFR
104
Code
H1
H2
H3
H4
Device CSFR
105
CSFR
106
CSFR
107
Code
H5
H6
H7
SOD-123 Plastic Surface
Mounted Package
CYStek Package Code: SF
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.138
0.154
3.5
3.9
E
0.051
0.067
1.3
1.7
B
0.055
0.071
1.4
1.8
F
0.035(typ)
0.9(typ)
C
0.012(typ)
0.3(typ)
G
0.035(typ)
0.9(typ)
D
0.110
0.126
2.8
3.2
-
-
-
-
-
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - CSFR102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSFR19K51K500B1234 VISHAY-CSFR19K51K500B1234 Datasheet
105Kb / 2P
   Customer Special Resistors Mounted on Frames (CSFR)
CSFR19K51K500B1234 VISHAY-CSFR19K51K500B1234 Datasheet
92Kb / 2P
   Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
01-Jan-2022
CSFR19K55L000B1234 VISHAY-CSFR19K55L000B1234 Datasheet
105Kb / 2P
   Customer Special Resistors Mounted on Frames (CSFR)
CSFR19K55L000B1234 VISHAY-CSFR19K55L000B1234 Datasheet
92Kb / 2P
   Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
01-Jan-2022
CSFR19K5KB1234 VISHAY-CSFR19K5KB1234 Datasheet
92Kb / 2P
   Customer Special Resistors Mounted on Frames (CSFR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Frame Mounted, EDG, RD, RB
01-Jan-2022
More results

Similar Description - CSFR102

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CFR10XSF CYSTEKEC-CFR10XSF Datasheet
140Kb / 3P
   1.0Amp. Surface Mount Fast Recovery Diodes
CFR10XSA CYSTEKEC-CFR10XSA Datasheet
140Kb / 3P
   1.0Amp. Surface Mount Fast Recovery Diodes
logo
DIYI Electronic Technol...
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1ANL DYELEC-US1ANL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF101A SECOS-SMF101A Datasheet
204Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SMF101B SECOS-SMF101B Datasheet
234Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SMF10SS SECOS-SMF10SS Datasheet
270Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com