Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1045-5 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1045-5
Description  4-Bit Dual Programmable Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1045-5 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1045-5 Datasheet HTML 1Page - Dallas Semiconductor DS1045-5 Datasheet HTML 2Page - Dallas Semiconductor DS1045-5 Datasheet HTML 3Page - Dallas Semiconductor DS1045-5 Datasheet HTML 4Page - Dallas Semiconductor DS1045-5 Datasheet HTML 5Page - Dallas Semiconductor DS1045-5 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1045
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
See J-STD-020A specification
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.0
5.25
V
1
Input Logic 1
VIH
2.2
VCC
+0.5
V1
Input Logic 0
VIL
-0.5
0.8
µA
1
Input Leakage
II
0
≤V
I
≤V
CC
-1.0
+1.0
µA
Active Current
ICC
VCC=5.25V
PERIOD=1
µs
35.0
mA
Logic 1 Output
Current
IOH
VCC= 4.75V VOH=
4.0V
-1.0
mA
Logic 0 Output
Current
IOL
VCC= 4.75V VOL=
0.5V
8mA
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC 5V + 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Period
tPERIOD
4 x tWI
ns
Pulse Width
tWI
100% of output delay size
Input to Output Delay
tPLH, tPHL
Table 1
2
Parallel Input Change to
Delay Invalid
tPDX
ns
Parallel Input Valid to Delay
Valid
tPDX
10
ns
Enable Width
tEW
15
ns
Data Setup to Enable
tDSE
10
ns
Data Hold from Enable
tDHE
ns
Enable to Delay Invalid
tEDX
5ns
Enable to Delay Valid
tEDV
15
ns
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
pF


Similar Part No. - DS1045-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-100 DALLAS-DS1040-100 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040-100 MAXIM-DS1040-100 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-150 DALLAS-DS1040-150 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results

Similar Description - DS1045-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
   5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com