Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1033-20 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1033-20
Description  3-in-1 Low Voltage Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1033-20 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1033-20 Datasheet HTML 1Page - Dallas Semiconductor DS1033-20 Datasheet HTML 2Page - Dallas Semiconductor DS1033-20 Datasheet HTML 3Page - Dallas Semiconductor DS1033-20 Datasheet HTML 4Page - Dallas Semiconductor DS1033-20 Datasheet HTML 5Page - Dallas Semiconductor DS1033-20 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS1033
2 of 6
LOGIC DIAGRAM Figure 1
PART NUMBER DELAY TABLE (tPLH , tPHL) Table 1
TOLERANCE OVER TEMPERATURE
AND VOLTAGE (note 2)
PART NUMBER
DELAY PER
OUTPUT (ns)
(note 1)
INITIAL
TOLERANCE
(note 1)
VCC=3.3V
±±±±====0.3V
VCC=2.7V
DS1033-80
8/8/8
±1.5 ns
±1.0 ns
±1.5 ns
DS1033-10
10/10/10
±1.5 ns
±1.0 ns
±1.5 ns
DS1033-12
12/12/12
±1.5 ns
±1.0 ns
±1.5 ns
DS1033-15
15/15/15
±1.5 ns
±1.5 ns
±2.0 ns
DS1033-20
20/20/20
±1.5 ns
±1.5 ns
±2.5 ns
DS1033-25
25/25/25
±2.0 ns
±2.0 ns
±3.5 ns
DS1033-30
30/30/30
±2.0 ns
±2.0 ns
±5.0 ns
NOTES:
1. Nominal conditions are +25
°C and V
CC=+3.3 volts.
2. Temperature range of 0
°C to 70°C.
3. Delay accuracy is for both leading and trailing edges.


Similar Part No. - DS1033-20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1033-20 DALLAS-DS1033-20 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033-20 MAXIM-DS1033-20 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
More results

Similar Description - DS1033-20

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com