Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1045-3 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1045-3
Description  4-Bit Dual Programmable Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1045-3 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1045-3 Datasheet HTML 1Page - Dallas Semiconductor DS1045-3 Datasheet HTML 2Page - Dallas Semiconductor DS1045-3 Datasheet HTML 3Page - Dallas Semiconductor DS1045-3 Datasheet HTML 4Page - Dallas Semiconductor DS1045-3 Datasheet HTML 5Page - Dallas Semiconductor DS1045-3 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
071700
FEATURES
All-silicon time delay
Two programmable outputs from a single
input produce output-to-output delays
between 9 and 84 ns depending on device
type
Programmable via four input pins
Programmable increments of 3 to 5 ns with a
minimum of 9 ns and a maximum of 84 ns
Output pulse is a reproduction of input pulse
after
Delay with both leading and trailing edge
accuracy
Standard 16-pin DIP or surface mount 16-pin
SOIC
Auto-insertable
Low-power CMOS design is TTL-compatible
PIN ASSIGNMENT
PIN DESCRIPTION
IN
- Delay Line Input
OUTA, OUTB
- Delay Line Outputs
A0-A3
- Parallel Program Inputs
for OUT1
B0-B3
- Parallel Program Inputs
for OUT2
EA
, EB
- Enable A and B Inputs
VCC
- +5V Input
GND
- Ground
DESCRIPTION
The DS1045 is a programmable silicon delay line having one input and two 4-bit programmable delay
outputs. Each 4-bit programmable output offers the user 16 possible delay values to select from, starting
with a minimum inherent DS1045 delay of 9 ns and a maximum achievable delay in the standard DS1045
family of 84 ns. The standard DS1045 product line provides the user with three devices having uniform
delay increments of 3, 4, and 5 ns, depending on the device. Table 1 presents standard device family and
delay capability. Additionally, custom delay increments are available for special order through Dallas
Semiconductor.
The DS1045 is TTL and CMOS-compatible and capable of driving ten 74LS-type loads. The output
produced by the DS1045 is both rising and falling edge precise.
The DS1045 programmable silicon
delay line has been designed as a reliable, economic alternative to hybrid programmable delay lines. It is
offered in a standard 16-pin auto-insertable DIP and a space-saving surface mount 16-pin SOIC package.
DS1045
4-Bit Dual Programmable Delay Line
www.dalsemi.com
IN
VCC
EA
A0
A1
A2
A3
GND
VCC
EB
OUTB
B0
B1
B2
B3
OUTA
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN
VCC
16
1
VCC
EA
A0
A1
A2
A3
GND
EB
OUTB
B0
B1
B2
B3
OUTA
2
3
4
5
6
7
8
15
14
13
12
11
10
9
DS1045 16-Pin DIP
See Mech. Drawings
Section
DS1045S 16-Pin SOIC (300-mil)
See Mech. Drawings
Section


Similar Part No. - DS1045-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-100 DALLAS-DS1040-100 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040-100 MAXIM-DS1040-100 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-150 DALLAS-DS1040-150 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results

Similar Description - DS1045-3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
   5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com