Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1023-500 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1023-500
Description  8-Bit Programmable Timing Element
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1023-500 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1023-500 Datasheet HTML 4Page - Dallas Semiconductor DS1023-500 Datasheet HTML 5Page - Dallas Semiconductor DS1023-500 Datasheet HTML 6Page - Dallas Semiconductor DS1023-500 Datasheet HTML 7Page - Dallas Semiconductor DS1023-500 Datasheet HTML 8Page - Dallas Semiconductor DS1023-500 Datasheet HTML 9Page - Dallas Semiconductor DS1023-500 Datasheet HTML 10Page - Dallas Semiconductor DS1023-500 Datasheet HTML 11Page - Dallas Semiconductor DS1023-500 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1023
8 of 16
DALLAS SEMICONDUCTOR TEST CIRCUIT Figure 8
TEST SETUP DESCRIPTION
Figure 8 illustrates the hardware configuration used for measuring the timing parameters of the DS1023.
The input waveform is produced by a precision pulse generator under software control. Time delays are
measured by a time interval counter (20 ps resolution) connected to the output. The DS1023 serial and
parallel ports are controlled by interfaces to a central computer. All measurements are fully automated
with each instrument controlled by the computer over an IEEE 488 bus.
TEST CONDITIONS
INPUT:
Ambient Temperature:
25
°C ±=3°C
Supply Voltage (VCC):
5.0V
±=0.1V
Input Pulse:
High = 3.0V
±=0.1V
Low = 0.0V
±=0.1V
Source Impedance:
50 ohms max.
Rise and Fall Time:
3.0 ns max.
(measured between
0.6V and 2.4V)
Pulse Width:
500 ns
Period:
1
µs
NOTE: Above conditions are for test only and do not restrict the operation of the device under other data
sheet conditions.
OUTPUT:
Output is loaded with a 74F04. Delay is measured between the 1.5V level of the rising edge of the input
signal and the 1.5V level of the corresponding edge of the output.


Similar Part No. - DS1023-500

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
More results

Similar Description - DS1023-500

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
   5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
   5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com