Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1035 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS1035
Description  3-in-1 High.Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1035 Datasheet(HTML) 1 Page - Dallas Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon timing circuit
Three independent buffered delays
Stable and precise over temperature and
voltage
Leading and trailing edge precision preserves
the input symmetry
Standard 8-pin DIP and 8-pin SOIC (150 mil)
Vapor phasing, IR and wave solderable
Available in Tape and Reel
PIN ASSIGNMENT
PIN DESCRIPTION
IN1-IN3
- Input Signals
OUT1-OUT3
- Output Signals
NC
- No Connection
VCC
- +5 Volt Supply
GND
- Ground
(Sub)
- Internal substrate
connection, do not make
any external connections
to these pins
DESCRIPTION
The DS1035 series is a low-power +5-volt high-speed version of the popular DS1013 and complements
the DS1033 +3.3 Volt version.
The DS1035 series of delay lines have three independent logic buffered delays in a single package. The
device is Dallas Semiconductor’s fastest 3-in-1 delay line. It is available in a standard 8-pin DIP and 150
Mil 8-pin Mini-SOIC.
The device features precise leading and trailing edge accuracies. It has the inherent reliability of an all-
silicon delay line solution. The DS1035’s initial tolerance is
±1.5 or ±2.0 ns with an additional tolerance
over temperature and voltage of
±1.0 ns or ±1.5 ns, depending on the delay value. Each output is capable
of driving up to 10 LS loads.
Standard delay values are indicated in Table 1. Customers may contact Dallas Semiconductor at (982)
371-4348 for further information.
DS1035Z 8-Pin SOIC (150-mil)
See Mech. Drawings Section
IN1
IN2
IN3
GND
VCC
OUT3
1
2
3
4
8
7
6
5
DS1035M 8-Pin DIP
See Mech. Drawings Section
VCC
OUT3
OUT1
OUT2
IN1
IN2
IN3
GND
1
2
3
4
8
7
6
5
DS1035
3-in-1 High–Speed Silicon Delay Line
www.dalsemi.com
OUT2
OUT1


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10333-in-1 Low Voltage Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS11353-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
MXD10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreMaxim Integrated Products
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10133-in-1 Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10333-in-1 Low Voltage Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor
DS10005-Tap Silicon Delay Line 1 2 3 4 5 Dallas Semiconductor
DS10045-Tap High Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn