Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN12029 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN12029
Description  120MHz SAW Filter 14MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN12029 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN12029 Datasheet HTML 1Page - SIPAT Co,Ltd LBN12029 Datasheet HTML 2Page - SIPAT Co,Ltd LBN12029 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN12029
Rev. Date
2007-12-27
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
120MHz SAW Filter
14MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN12029
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
119.92
120
120.08
Insertion Loss
dB
-
23
25
1 dB Bandwidth
MHz
-
13.91
-
3 dB Bandwidth
MHz
14
14.21
-
40 dB Bandwidth
MHz
-
15.33
-
50 dB Bandwidth
MHz
-
15.44
15.7
Passband Variation
dB
-
0.7
1
Group Delay Variation(f0±7MHz)
nsec
-
80
200
Absolute Delay
usec
-
2.48
-
Ultimate Rejection
dB
50
54
-
Material Temperature coefficient
KHz/°C
-9.84
Substrate Material
-
128LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN12029

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12029 SIPAT-LBN12029 Datasheet
126Kb / 3P
   120MHz SAW Filter 14MHz Bandwidth
More results

Similar Description - LBN12029

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12029 SIPAT-LBN12029 Datasheet
126Kb / 3P
   120MHz SAW Filter 14MHz Bandwidth
LBS87302 SIPAT-LBS87302 Datasheet
132Kb / 3P
   873MHz SAW Filter 14MHz Bandwidth
LBS87302 SIPAT-LBS87302 Datasheet
132Kb / 3P
   873MHz SAW Filter 14MHz Bandwidth
LBT92501 SIPAT-LBT92501 Datasheet
191Kb / 3P
   925.4MHz SAW Filter 14MHz Bandwidth
LBT16035 SIPAT-LBT16035 Datasheet
282Kb / 3P
   160MHz SAW Filter 14MHz Bandwidth
LBN10011 SIPAT-LBN10011 Datasheet
143Kb / 3P
   100MHz SAW Filter 14MHz Bandwidth
LBT24003 SIPAT-LBT24003 Datasheet
145Kb / 3P
   240MHz SAW Filter 14MHz Bandwidth
LBN09013 SIPAT-LBN09013 Datasheet
139Kb / 3P
   90MHz SAW Filter 14MHz Bandwidth
LBT14051 SIPAT-LBT14051 Datasheet
144Kb / 3P
   140MHz SAW Filter 14MHz Bandwidth
LB260DS01 SIPAT-LB260DS01 Datasheet
152Kb / 3P
   259.86MHz SAW Filter 14MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com