Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN12019 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN12019
Description  120MHz SAW Filter 19MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN12019 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN12019 Datasheet HTML 1Page - SIPAT Co,Ltd LBN12019 Datasheet HTML 2Page - SIPAT Co,Ltd LBN12019 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN12019
Rev. Date
2005-11-7
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
120MHz SAW Filter
19MHz Bandwidth
Part Number: LBN12019
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
119.85
120
120.15
Insertion Loss
dB
-
29
34
1.2 dB Bandwidth
MHz
19
19.1
-
45 dB Bandwidth
MHz
-
20.24
-
50 dB Bandwidth
MHz
-
20.31
20.45
Passband Variation
dB
-
0.8
1.2
Absolute Delay
usec
-
3.11
4.4
Ultimate Rejection
dB
47
52
-
Material Temperature coefficient
KHz/°C
-11.28
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN12019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12019 SIPAT-LBN12019 Datasheet
138Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
More results

Similar Description - LBN12019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN12019 SIPAT-LBN12019 Datasheet
138Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12007 SIPAT-LBN12007_10 Datasheet
193Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12030 SIPAT-LBN12030 Datasheet
149Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12030 SIPAT-LBN12030 Datasheet
144Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBN12007 SIPAT-LBN12007 Datasheet
193Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBT11544 SIPAT-LBT11544 Datasheet
139Kb / 3P
   115MHz SAW Filter 19MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
150Kb / 3P
   200MHz SAW Filter 19MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
148Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
LBT11544 SIPAT-LBT11544 Datasheet
145Kb / 3P
   115MHz SAW Filter 19MHz Bandwidth
LBT16038 SIPAT-LBT16038 Datasheet
137Kb / 3P
   160MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com