Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1010 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part No. DS1010
Description  10-Tap Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo DALLAS - Dallas Semiconductor

DS1010 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1010 Datasheet HTML 1Page - Dallas Semiconductor DS1010 Datasheet HTML 2Page - Dallas Semiconductor DS1010 Datasheet HTML 3Page - Dallas Semiconductor DS1010 Datasheet HTML 4Page - Dallas Semiconductor DS1010 Datasheet HTML 5Page - Dallas Semiconductor DS1010 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS1010
3 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 5%)
PARAMETER
SYM
TEST
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
1
High Level Input
Voltage
VIH
2.2
VCC + 0.5
V
1
Low Level Input
Voltage
VIL
-0.5
0.8
V
1
Input Leakage
Current
II
0.0V
≤ V
I
≤ V
CC
-1.0
1.0
µA
Active Current
ICC
VCC=Max;
Period=Min.
40
150
mA
2
High Level Output
Current
IOH
VCC=Min.
VOH=4
-1.0
mA
Low Level Output
Current
IOL
VCC=Min.
VOL=0.5
12
mA
AC ELECTRICAL CHARACTERISTICS
(TA = 25°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Pulse Width
tWI
40% of TAP 10 tPLH
ns
8
Input to Tap Delay
(leading edge)
tPLH
Table 1
ns
3, 4, 5, 6,
7, 9
Input to Tap Delay
(trailing edge)
tPHL
Table 1
ns
3, 4, 5, 6,
7, 9
Power-up Time
tPU
100
ms
Period
4 (tWI)ns
8
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS111010-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS1110L3V 10-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS11353-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DS10444-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
1519-20A10-TAP DIP DELAY LINE TD/TR = 5 1 2 3 List of Unclassifed Manufacturers
DS1135L3V 3-in-1 High-Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
3D7010MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1 2 3 4 Data Delay Devices, Inc.
DS1020Programmable 8-Bit Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
DDU224F10-TAP TTL-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn