Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN11574 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN11574
Description  115MHz SAW Filter 59.5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11574 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN11574 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11574 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11574 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN11574
Rev. Date
2013-09-04
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
115MHz SAW Filter
59.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBN11574
N11574
N11574
N11574
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
114.5
115
115.5
Insertion Loss
dB
16.2
22
1.5dB Bandwidth
MHz
59.5
60.23
12dB Bandwidth
MHz
64.79
66
Ultimate
Rejection
@f0±33~f0±37MHz
dB
12
14
@f0±42MHz
dB
35
40
f0±37MHz
dB
35
40
Passband Variation
dB
1.0
1.5
Absolute Delay
usec
0.75
1.0
Material Temperature coefficient
KHz/°C
-9.43
Substrate Material
-
128LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD13.3*6.5
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN11574

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11571 SIPAT-LBN11571 Datasheet
147Kb / 3P
   115MHz SAW Filter 20MHz Bandwidth
LBN11571 SIPAT-LBN11571 Datasheet
147Kb / 3P
   115MHz SAW Filter 20MHz Bandwidth
LBN11572 SIPAT-LBN11572 Datasheet
147Kb / 3P
   115MHz SAW Filter 6MHz Bandwidth
LBN11572 SIPAT-LBN11572 Datasheet
147Kb / 3P
   115MHz SAW Filter 6MHz Bandwidth
LBN11573 SIPAT-LBN11573 Datasheet
291Kb / 3P
   115MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBN11574

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT11560 SIPAT-LBT11560 Datasheet
141Kb / 3P
   115MHz SAW Filter 4MHz Bandwidth
LBT11561 SIPAT-LBT11561 Datasheet
140Kb / 3P
   115MHz SAW Filter 10MHz Bandwidth
LBN11547 SIPAT-LBN11547_09 Datasheet
148Kb / 3P
   115MHz SAW Filter 24MHz Bandwidth
LBN11514 SIPAT-LBN11514 Datasheet
138Kb / 3P
   115MHz SAW Filter 26MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
   115MHz SAW Filter 12MHz Bandwidth
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
   115MHz SAW Filter 20MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
140Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
LBT11528 SIPAT-LBT11528 Datasheet
139Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
   115MHz SAW Filter 15MHz Bandwidth
LBN11535 SIPAT-LBN11535 Datasheet
143Kb / 3P
   115MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com