Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1004 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1004
Description  5-Tap High Speed Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1004 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1004 Datasheet HTML 1Page - Dallas Semiconductor DS1004 Datasheet HTML 2Page - Dallas Semiconductor DS1004 Datasheet HTML 3Page - Dallas Semiconductor DS1004 Datasheet HTML 4Page - Dallas Semiconductor DS1004 Datasheet HTML 5Page - Dallas Semiconductor DS1004 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS1004
2 of 6
PART NUMBER TOLERANCE TABLE Table 1
INPUT-TO-TAP
TAP-TO-TAP
PART
NUMBER
TOLERANCE
NOMINAL
VARIATION
OVER TEMP
& VOLTAGE
INCREMENT
TOLERANCE
NOMINAL
VARIATION
OVER TEMP
& VOLTAGE
DS1004M-2
5 ± 1.5 ns
±1.5 ns
2 ns
±0.5 ns
±0.75 ns
DS1004M-3
5 ± 1.5 ns
±1.5 ns
3 ns
±0.75 ns
±0.75 ns
DS1004M-4
5 ± 1.5 ns
±1.5 ns
4 ns
±1.0 ns
±0.75 ns
DS1004M-5
5 ± 1.5 ns
±1.5 ns
5 ns
±1.0 ns
±0.75 ns
DS1004Z-2
5 ± 1.5 ns
±1.5 ns
2 ns
±0.5 ns
±0.75 ns
DS1004Z-3
5 ± 1.5 ns
±1.5 ns
3 ns
±0.75 ns
±0.75 ns
DS1004Z-4
5 ± 1.5 ns
±1.5 ns
4 ns
±1.0 ns
±0.75 ns
DS1004Z-5
5 ± 1.5 ns
±1.5 ns
5 ns
±1.0 ns
±0.75 ns
NOTES:
1. Nominal conditions are +25
°C and V
CC = +5.0 volts.
2. Temperature and voltage variations cover the range from VCC=5.0 volts
±=5% and temperature range
from 0
°C to +70°C.
3. Delay accuracy for both leading and trailing edges.
PART NUMBER DELAY TABLE Table 2
NOMINAL VALUES (FOR REFERENCE ONLY)
PART
NUMBER
INPUT-TO-TAP1
INPUT-TO-TAP2
INPUT-TO-TAP3
INPUT-TO-TAP4
INPUT-TO-TAP5
DS1004M-2
5 ns
7 ns
9 ns
11 ns
13 ns
DS1004M-3
5 ns
8 ns
11 ns
14 ns
17 ns
DS1004M-4
5 ns
9 ns
13 ns
17 ns
21 ns
DS1004M-5
5 ns
10 ns
15 ns
20 ns
25 ns
DS1004Z-2
5 ns
7 ns
9 ns
11 ns
13 ns
DS1004Z-3
5 ns
8 ns
11 ns
14 ns
17 ns
DS1004Z-4
5 ns
9 ns
13 ns
17 ns
21 ns
DS1004Z-5
5 ns
10 ns
15 ns
20 ns
25 ns
LOGIC DIAGRAM


Similar Part No. - DS1004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
DS1004M-2 MAXIM-DS1004M-2 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
DS1004M-3 MAXIM-DS1004M-3 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
DS1004M-4 MAXIM-DS1004M-4 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
DS1004M-5 MAXIM-DS1004M-5 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
More results

Similar Description - DS1004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1004 MAXIM-DS1004 Datasheet
59Kb / 6P
   5-Tap High Speed Silicon Delay Line
092500
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Data Delay Devices, Inc...
1518-5-10T1 DATADELAY-1518-5-10T1 Datasheet
27Kb / 2P
   5-TAP SMD DELAY LINE
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com