Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L03S100D15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L03S100D15
Description  Hall Effect Current Sensors L03S***D15 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L03S100D15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L03S100D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers L03S100D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hall Effect Current Sensors L03S***D15 Series
Tamura reserve the right to modify its products in order to improve them without prior notice
L03SXXXD15revC, March 2009
Mechanical dimensions in mm
Electrical connection diagram
Package & Weight Information
Weight
Pcs/box
Pcs/carton
Pcs/pallet
46g
50
200
2400
VOUT
GND
RL = 10k
Terminal number
29.5 MAX
19.5 MAX
40.5 MAX
20.5
Ø2
Connector
5045-04A (MOLEX)
18.5 MAX
Ø4.5
Note 1: Unless otherwise specified, toler-
ances shall be ±0.5
Lot No.
L03S
D15
Recommended
retainer holes
Ø4.5
Ø2.5
Terminal number:
1. +15V
2. -15V
3. VOUT
4. 0V
1
2
3
4
+If
-If
+VCC
-VCC


Similar Part No. - L03S100D15

ManufacturerPart #DatasheetDescription
logo
Powerbox
L03 POWERBOX-L03 Datasheet
646Kb / 1P
   1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Ensign Corporation
L030 ENSIGN-L030 Datasheet
638Kb / 4P
   Commander Class
L030-1-510X ENSIGN-L030-1-510X Datasheet
638Kb / 4P
   Commander Class
L030-1-510X ENSIGN-L030-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L030-1-512X ENSIGN-L030-1-512X Datasheet
638Kb / 4P
   Commander Class
More results

Similar Description - L03S100D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
   Hall Effect Current Sensors
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
   Hall Effect Current Sensors
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNK500M HONEYWELL-ACC-CSNK500M Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
List of Unclassifed Man...
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
   Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
   Hall Effect Sensors
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
   Hall Effect Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com