Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL1250002-01 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # ICL1250002-01
Description  Temperature Sensors Line Guide
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

ICL1250002-01 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button ICL1250002-01 Datasheet HTML 3Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 4Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 5Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 6Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 7Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 8Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 9Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 10Page - Honeywell Accelerometers ICL1250002-01 Datasheet HTML 11Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.honeywell.com/sensing
Temperature Sensors Line guide
197 Series
IcL Series
Description
chip with bare leads and epoxy
inrush current limiter
Operating temperature range
-60 °C to 125 °C [-76 °F to 257 °F]
-40 °C to 185 °C [-40 °F to 365 °F]
Dissipation constant in still air
0,75 mW/°C
12.7 mW/°C to 23 mW/°C
Time constant in air
15.0 s
32 s to 93 s
Nominal resistance
at [25 °F to 77 °F]
300 Ohm, 1,000 Ohm, 3,000 Ohm,
5,000 Ohm, 10,000 Ohm, 50,000 Ohm, 100,000 Ohm
0.5 Ohm to 220 Ohm +/- 20 %
Maximum diameter
2,413 mm [0.095 in]
9.5 mm [0.374 in] to 32 mm [1.26 in]
Termination material
tinned copper, alloy 180
tinned copper
Lead length
38,1 mm [1.50 in]
1 in min.
discrete Thermistors


Similar Part No. - ICL1250002-01

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ICL100D05MIB EATON-ICL100D05MIB Datasheet
3Mb / 18P
   Inrush current limiter radial lead NTC thermistor
July 2022
ICL100D05MIC EATON-ICL100D05MIC Datasheet
3Mb / 18P
   Inrush current limiter radial lead NTC thermistor
July 2022
ICL100D07MIB EATON-ICL100D07MIB Datasheet
3Mb / 18P
   Inrush current limiter radial lead NTC thermistor
July 2022
ICL100D07MIC EATON-ICL100D07MIC Datasheet
3Mb / 18P
   Inrush current limiter radial lead NTC thermistor
July 2022
ICL100D09MIB EATON-ICL100D09MIB Datasheet
3Mb / 18P
   Inrush current limiter radial lead NTC thermistor
July 2022
More results

Similar Description - ICL1250002-01

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-777-A-T-0 HONEYWELL-ACC-HEL-777-A-T-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
175-103LAE-301 HONEYWELL-ACC-175-103LAE-301 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Solid State E...
121-104KAH-Q01 HONEYWELL-121-104KAH-Q01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
135-103FAD-J01 HONEYWELL-135-103FAD-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com