Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC73C168 Datasheet(PDF) 15 Page - Daewoo Semiconductor

Part # DMC73C168
Description  8Bit Single Chip Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C168 Datasheet(HTML) 15 Page - Daewoo Semiconductor

Back Button DMC73C168 Datasheet HTML 11Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 12Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 13Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 14Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 15Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 16Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 17Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 18Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 19Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
15
8Bit Single Chip Microcontroller
DMC73C168
REGISTER
ADDRESS
NAME
NOTE
FUNCTION
RESET
VALUE
P17
P18
P19
P22
P23
P24
P25
P27
P28
P29
P30
P32
P33
P34
P35
P36
P37
P38
P39
P40
P41
P42
P43
P44
P45
P46
P47
P50
>0111
>0112
>0113
>0116
>0117
>0118
>0119
>011B
>011C
>011D
>011E
>0120
>0121
>0122
>0123
>0124
>0125
>0126
>0127
>0128
>0129
>012A
>012B
>012C
>012D
>012E
>012F
>0132
PLLCTL1
PLLDATAH
PLLDATAL
IFCCTL
IFCLSD
IFCMSD
IFCHSD
SIO1CTL
SIO1BUF
SIO2CTL
SIO2BUF
ADATA
ADDR
BDATA
BDDR
CDATA
CDDR
DDATA
DDDR
EDATA
EDDR
FDATA
FDDR
GDATA
GDDR
HDATA
HDDR
BEEP
1
1
1
1
1
PLL control register 1
PLL program counter MSB data register
PLL program counter LSB data register
IF counter data register
IF counter data register (LSB)
IF counter data register
IF counter data register (MSB)
SIO 1 control register
SIO 1 data register
SIO 2 control register
SIO 2 data register
Port A data value
Port A direction register
Port B data value
Port B direction
Port C data value
Port C direction register
Port D data value
Port D direction register
Port E data value
Port E direction register
Port F data value
Port F direction register
Port G data value
Port G direction register
Port H data value
Port H direction register
BEEP control register
0xx x0000
00000000
00000000
00000000
00000000
00000000
xxxxxxx0
0000000x
xxxxxxxx
0000000x
xxxxxxxx
xxxxxxxx
00000000
xxxxxxxx
00000000
xxxxxxxx
00000000
xxxxxxxx
00000000
xxxxxxxx
00000000
xxxxxxxx
00000000
xxxxxxxx
00000000
xxxxxxxx
00000000
00000000
P64
:
:
P191
>0140
:
:
>01BF
Peripheral RAM
128 bytes
xxxxxxxx
xxxxxxxx
Notes
1 :
Be careful when using logical instructions (e.g., ANDP, ORP, XORP) on these registers
because of different read/write functions.
2 :
x’ means indeterminate
3 :
P3, P12, P20, P21, P26,P31, P48, P49, P51-63 are not implemented.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.


Similar Part No. - DMC73C168

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
More results

Similar Description - DMC73C168

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
logo
AUK corp
SD73C168 AUK-SD73C168 Datasheet
2Mb / 80P
   8BIT SINGLE CHIP MICROCONTROLLER
logo
Zilog, Inc.
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
logo
Toshiba Semiconductor
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com