Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC73C168 Datasheet(PDF) 8 Page - Daewoo Semiconductor

Part # DMC73C168
Description  8Bit Single Chip Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C168 Datasheet(HTML) 8 Page - Daewoo Semiconductor

Back Button DMC73C168 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 9Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 10Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 11Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 12Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
8
8Bit Single Chip Microcontroller
DMC73C168
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.
3.2
Description
NAME
Pin No.
I/O
FUNCTIONAL DESCRIPTION
PORT TYPE
A0/FM IF
A1/AM IF
A2/AD1
A3/AD2
A4/ECI1
A5/ECI2
A6/INT4
A7/INT3
E0/SO1
E1/SI1
E2/SCLK1
E3/SO2
E4/SI2
E5/SCLK2
E6
E7/BEEP
F0
F1
F2
F3
F4
F5
F6
F7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port A is a bidirectional data port.
These Ports can be selected as universal Counter
i nput. A0 and A1 work as the FM IF and AM IF pin,
independently. The maximum input frequency is 5MHz
for AM IF (0.1Vp-p) and 20MHz (0.1Vp-p) for FM IF.
These Posts can be selected for an A/D Converter Input.
2 Channel/8-Bit Analog-to-Digital Converter are used for
the Sequential Comparison method by program.
Reference Voltage of the A/D Converter is the same
level of VDD (5V ¡ ¾
10%)
The A4,A5 Port can be used as event counter input 1,2.
These Ports can be used as external interrupt pin.
Port E is a bidirectional data port.
These Ports can be selected as serial interface (SIO) 1.
E0, E1 and E2 work as the serial output, serial input and
serial clock pin, respectively.
These Ports can be selected as serial interface (SIO) 2.
E3, E4 and E5 work as the serial output, serial input and
serial clock pin, respectively.
The E7 Port can be used as BEEP output pin.
Port F is a bidirectional data port.
Anal og-IN or
Logic-IN/
Push-Pull OUT
Anal og-IN or
Logic-IN/
Push-Pull OUT
Logi c-IN or
Schmitt-
Tri gger-IN/
Push-Pull OUT
Logic-IN/
Push-Pull OUT
Logic-IN/
Push-Pull OUT
Logic-IN/
Push-Pull OUT
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.
3.2
Description
NAME
Pin No.
I/O
FUNCTIONAL DESCRIPTION
PORT TYPE
A0/FM IF
A1/AM IF
A2/AD1
A3/AD2
A4/ECI1
A5/ECI2
A6/INT4
A7/INT3
E0/SO1
E1/SI1
E2/SCLK1
E3/SO2
E4/SI2
E5/SCLK2
E6
E7/BEEP
F0
F1
F2
F3
F4
F5
F6
F7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port A is a bidirectional data port.
These Ports can be selected as universal Counter
i nput. A0 and A1 work as the FM IF and AM IF pin,
independently. The maximum input frequency is 5MHz
for AM IF (0.1Vp-p) and 20MHz (0.1Vp-p) for FM IF.
These Posts can be selected for an A/D Converter Input.
2 Channel/8-Bit Analog-to-Digital Converter are used for
the Sequential Comparison method by program.
Reference Voltage of the A/D Converter is the same
level of VDD (5V ¡ ¾
10%)
The A4,A5 Port can be used as event counter input 1,2.
These Ports can be used as external interrupt pin.
Port E is a bidirectional data port.
These Ports can be selected as serial interface (SIO) 1.
E0, E1 and E2 work as the serial output, serial input and
serial clock pin, respectively.
These Ports can be selected as serial interface (SIO) 2.
E3, E4 and E5 work as the serial output, serial input and
serial clock pin, respectively.
The E7 Port can be used as BEEP output pin.
Port F is a bidirectional data port.
Anal og-IN or
Logic-IN/
Push-Pull OUT
Anal og-IN or
Logic-IN/
Push-Pull OUT
Logi c-IN or
Schmitt-
Tri gger-IN/
Push-Pull OUT
Logic-IN/
Push-Pull OUT
Logic-IN/
Push-Pull OUT
Logic-IN/
Push-Pull OUT


Similar Part No. - DMC73C168

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
More results

Similar Description - DMC73C168

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
logo
AUK corp
SD73C168 AUK-SD73C168 Datasheet
2Mb / 80P
   8BIT SINGLE CHIP MICROCONTROLLER
logo
Zilog, Inc.
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
logo
Toshiba Semiconductor
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com