Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC73C167 Datasheet(PDF) 24 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 24 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 20Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 21Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 22Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 23Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 24Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 25Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 26Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 27Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 28Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
24
8Bit Single Chip Microcontroller
DMC73C167
5. FUNCTION
5.1 Input/Output Ports
The DMC73C167 has 28 I/O pins organized as four parallel ports labeled
A, B, C and D. Each port is mapped into 4- to 8-bit data value resiters in the peripheral file (PF).
The data value registers are usually called APORT, BPORT, CPORT and DPORT in a program.
Ports A, C and D are implemented as bidirectional I/O ports.
Port B is an open-drain output only port with a 12 V buffer (B0-B3)and 12mA current drive
capability (B4-B7).
Each bidirectional port (that is, Port A, C and D) has a corresponding data direction register
(DDR) that programs each I/O pin as an input or output pin. A bit set to 1 in the DDR will
cause the corresponding pin to be an output pin, while a 0 in the DDR will turn the pin into
a high-impedance input pin. Upon RESET, the DDR filp-flop registers are set to 0 by the
on-chip circuitry, forcing them to become inputs. Also upon RESET, the output data registers
of the output only port (that is, Port B) are set to 1 by the on-chip circuitry. And, other output
data registers are indeterminated data set.
After RESET, if 1s are writtern to the DDR register sometime before the output data register
is changed, then the corresponding I/O pins will output a 1. For this reason, it is good
practice to load the output data registers of Ports A, C and D with the desired value before
any bits are configured as outputs. In addition, DMC73C167 has several mask options
related to the I/O pins such as pull-up resistors. Those I/O pins are individually configurable
at the masking stage. For a detailed description of the I/O pins in the DMC73C167,
see table 3-2.
5.1.1 A Port
Pins A0 to A7 of A port are bidirectional I/O ports and several hardware-related functions are
interfaced with the CPU through this port. Pin A0 can be used as an analog input for the on-
chip A/D converter. Pin A1 and A2 can be used for the event counter input of Timer 1 and
Timer 2, respectively. Pin A3, A4 and A5 can be used for the Schmitt-buffered external interrupt
input for INT1, INT3_0, and INT5_0, respectively.
Reading the port - A data register (P6) returns each value at the A0 - A7 pins if the
corresponding DDR bit is set to 0 and returns each output buffer register value if the DDR
bit is 1. The user can specify internal pull-up (5V) resistor insertion or not selectively for port
A pins (mask option).
Table 5-1. P7 0107h ADDR A Port Direction
Bit
7
6
5
4
3
2
1
0
R
W
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.


Similar Part No. - DMC73C167

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C168 DAEWOO-DMC73C168 Datasheet
756Kb / 82P
   8Bit Single Chip Microcontroller
More results

Similar Description - DMC73C167

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C168 DAEWOO-DMC73C168 Datasheet
756Kb / 82P
   8Bit Single Chip Microcontroller
logo
AUK corp
SD73C168 AUK-SD73C168 Datasheet
2Mb / 80P
   8BIT SINGLE CHIP MICROCONTROLLER
logo
Zilog, Inc.
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
logo
Toshiba Semiconductor
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com