Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC73C167 Datasheet(PDF) 85 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 85 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 81Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 82Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 83Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 84Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 85Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 86Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 87Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 88Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 89Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
85
8Bit Single Chip Microcontroller
DMC73C167
Normal Mode
EPROM Mode
TMC27C128
Signal
Pin No.
I/O
Description
Signal
I/O
Description
Name
Pin No.
RED
33
O
-
-
GREEN
34
O
-
-
BLUE
35
O
-
-
Yout
36
O
Active Low
-
-
Hsync
37
I
EPTESTHV
I
GND
14
Vsync
38
I
EPTEST
I
GND
14
OSC1IN
43
I
CPU CLK-IN
GND
I
VSS
GND
14
OSC1OUT
44
O
CPU CLK-OUT
XRESET
45
I
Device Reset
GND
I
VSS
GND
14
TEST
42
I
Device Test
VPP
I
PGM High Vtg
VPP
1
PWM0
1
O
14-bit PWM
XCE
I
XE
20
PWM1_0
2
O
6-bit PWM
-
-
PWM1_1
3
O
6-bit PWM
-
-
PWM1_2
4
O
6-bit PWM
-
-
PWM1_3
5
O
6-bit PWM
-
-
PWM1_4
6
O
6-bit PWM
-
-
PWM1_5
7
O
6-bit PWM
-
-
PWM1_6
8
O
6-bit PWM
-
-
PWM1_7
9
O
6-bit PWM
-
-
PWM1_8
10
O
6-bit PWM
-
-
OSC2IN
39
I
OSD CLK-IN
-
-
OSC2OUT
40
O
OSD CLK-OUT
-
-
I2C DAT
51
I/O
I2C DATA (OPEN DRAIN)
XPGM
I
XPGM
27
I2C CLK
52
I/O
I2C CLK (OPEN DRAIN)
XOE
I
XG
22
VSS
27
I
VSS
I
VCC
28
VDD
54
I
VDD
I
GND
14
Note 1 : Important Notice
A) EPTESTHV pin assigned to Hsync, and EPTEST pin assigned to Vsync.
EPTEST
EPTESTHV
OPERATION
0
0
PGM, PGM VERIFY, READ
1
0
WORD LINE STRESS, BIT LINE STRESS
1
1
OTHER FUNCTION TEST MODE
B) VPP pin assigned to TEST pad
C) ADDR (0 to 14) was assigned to APORT (1 - 7), BPORT (5 - 7), DPORT (0 - 3)
D) EPROM I/O data (8) was assigned to CPORT
Note 2 : EPROM-related Pins
DATA LINE
8 pins
ADDRESS
15 pins (ADDR0 - ADDR13, CHROM/XUROM)
CONTROL
5 pins (XCE, XOE, XPGM, EPTEST/HV)
VPP
1 pin
29 pins
Other Pins
4 pins (XRESET, OSCIN, VCC, VSS)
Total
33 pins
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.


Similar Part No. - DMC73C167

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C168 DAEWOO-DMC73C168 Datasheet
756Kb / 82P
   8Bit Single Chip Microcontroller
More results

Similar Description - DMC73C167

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC73C168 DAEWOO-DMC73C168 Datasheet
756Kb / 82P
   8Bit Single Chip Microcontroller
logo
AUK corp
SD73C168 AUK-SD73C168 Datasheet
2Mb / 80P
   8BIT SINGLE CHIP MICROCONTROLLER
logo
Zilog, Inc.
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
logo
Toshiba Semiconductor
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com