Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ1-PX01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LXZ1-PX01
Description  LUXEON Z Color Protfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PX01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LXZ1-PX01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PX01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LUXEON Z Datasheet DS105 20140214 ©2014 Philips Lumileds Lighting Company.
4
Flux Performance, Binning, and Supportability
LEDs are produced with semiconductor technology that is subject to process variation, yielding a range
of flux performance that is approximately Gaussian in nature. In order to provide customers with fine
granularity within the overall flux distribution, Philips Lumileds separates LEDs into fixed, easy to design
with, minimum luminous flux bins. To verify supportability of parts chosen for your application design,
please consult your Philips Lumileds sales representative.
Optical Characteristics
LUXEON Z Color at 500 mA, Test Temperature
Table 3.
Color
Part Number
Dominant Wavelength [1], l
D
or Peak Wavelength [2], l
P
(nm)
Typical
Spectral
Half-width [3]
(nm)
Dl
1/2
Typical Temp
Coefficient of
Dominant or
Peak Wavelength
(nm/°C)
Dl
D / DTJ
Typical
Total
Included
Angle [4]
(degrees)
u
90V
Typical
Viewing
Angle [5]
(degrees)
2u ½
Min
Typ
Max
Green [6]
LXZ1-PM01
520.0
530.0
540.0
30
0.04
140
125
Cyan [6]
LXZ1-PE01
490.0
505.0
510.0
30
0.03
140
125
Blue [6]
LXZ1-PB01
460.0
470.0
480.0
20
0.03
140
125
Royal Blue [2] [6]
LXZ1-PR01
440.0
447.5
460.0
20
0.03
140
125
Red [7]
LXZ1-PD01
620.0
627.0
645.0
20
0.06
150
145
Deep Red [2] [7]
LXZ1-PA01
650.0
655.0
670.0
20
0.06
150
145
Red-Orange [7]
LXZ1-PH01
610.0
617.0
620.0
20
0.06
150
145
Amber [7]
LXZ1-PL01
585.0
590.0
595.0
20
0.10
150
145
Lime [8]
LXZ1-PX01
566.0
567.5
569.0
100
0.01
140
125
Notes for Table 3:
1. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color.
Philips Lumileds maintains a tolerance of ± 0.5 nm for dominant wavelength measurements.
2. Royal Blue and Deep Red LEDs are binned by radiometric power and peak wavelength rather than photometric lumens.
Philips Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
3. Spectral width at ½ of the peak intensity.
4. Total angle at which 90% of total luminous flux is captured.
5. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
6. Green, cyan, blue, royal blue, lime and white products are built with Indium Gallium Nitride (InGaN).
7. All red, deep red, red-orange, and amber are built with Aluminum Indium Gallium Phosphide (AlInGaP).
8. LUXEON Z Lime is tested and binned at T
j = 85°C. All other LUXEON Z Color emitters are tested and binned at Tj = 25°C.
Luminous Flux Bins


Similar Part No. - LXZ1-PX01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ1-PX01 LUMILEDS-LXZ1-PX01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PX01 LUMILEDS-LXZ1-PX01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
More results

Similar Description - LXZ1-PX01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Seoul Semiconductor
F50360 SEOUL-F50360 Datasheet
530Kb / 19P
   Full color Z-Power LED
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com