Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ2-3080-y Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LXZ2-3080-y
Description  LUXEON Z LUXEON Z ES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ2-3080-y Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LXZ2-3080-y Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 9Page - List of Unclassifed Manufacturers LXZ2-3080-y Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LUXEON Z and LUXEON Z ES Datasheet DS120 20140326 ©2014 Philips Lumileds Lighting Company.
5
Electrical Characteristics
LUXEONZESatTestCurrent700mA,JunctionTemperature85°C
&LUXEONZatTestCurrent500mA,JunctionTemperature85°C
Table 5.
Nominal ANSI CCT
Forward Voltage Vf, 1
(V)
Typical Temperature
Coefficient of Forward
Voltage2
(mV/°C)
DV
F / DTJ
LUXEON Z ES
Typical Thermal Resistance
Junction to Thermal Pad
(°C/W)
Ru
J-C
LUXEON Z
Typical Thermal Resistance
Junction to Electrical Pads
(°C/W)
Ru
J-C
Min.
Max.
2200K
2.5
3.25
-1.6
3
N/A
2700K
2.5
3.25
-1.6
3
6
3000K
2.5
3.25
-1.6
3
6
3500K
2.5
3.25
-1.6
3
6
4000K
2.5
3.25
-1.6
3
6
5000K
2.5
3.25
-1.6
3
6
5700K
2.5
3.25
-1.6
3
6
6500K
2.5
3.25
-1.6
3
6
Notes for Table 5:
1.PhilipsLumiledsmaintainsatoleranceof±0.06Vonforwardvoltagemeasurements.
2.MeasuredbetweenT
J=25°CandTJ=110°CatIf=700mAforLUXEONZESandIf=500mAforLUXEONZ.
AbsoluteMaximumRatings
Table 6.
Parameter
LUXEON Z ES
LUXEON Z
DCForwardCurrent(mA)1, 2
1200forLUXEONZES3Vparts,
45forLUXEONZES48Vparts
1000
PeakPulsedForwardCurrent(mA)1, 3
1350forLUXEONZES3Vparts,
65forLUXEONZES48Vparts
1200
ESDSensitivity
<8000VHumanBodyModel(HBM)
Class3AJEDECJS-001-2012
<8000VHumanBodyModel(HBM)
Class3AJEDECJS-001-2012
LEDJunctionTemperature1
135°C
135°C
OperatingCaseTemperatureat700mA
-40°C - 135°C
-40°C - 135°C
StorageTemperature
-40°C - 135°C
-40°C - 135°C
SolderingTemperature
JEDEC020c260°C
JEDEC020c260°C
AllowableReflowCycles
3
3
ReverseVoltage(Vr)5, 6
LUXEONZLEDsarenotdesignedtobedriveninreversebias
Notes for Table 6:
1.Propercurrentderatingmustbeobservedtomaintainjunctiontemperaturebelowthemaximum.
ForadditionalinformationonthermalmeasurementguidelinespleaserefertoApplicationBriefsAB105andAB120.
2.Residualperiodicvariationsduetopowerconversionfromalternatingcurrent(AC)todirectcurrent(DC),alsocalled“ripple”,withfrequencies
≥100Hzandamplitude
≤150mAand200mArespectivelyareacceptable,assumingtheaveragecurrentthroughouteachcycledoesnotexceed1200mAand1000mArespectively.
3.Pulsedoperationwithapeakdrivecurrentof1350mAand1200mArespectivelyareisacceptableifthepulseon-timeis
≤5mspercycleandthedutycycleis≤50%.
4.Transientreversevoltagesandsurgecurrentsduetoelectricalswitchingorsupplyinterruptionsareacceptableiftheseeventsdonotlastformorethan10ms,theamplitudeofthereverse
voltagedoesnotexceed5Vandthereversecurrentislessthan200μA.
5.Maximum5Vreverseforupto10sisanacceptablebeginningoflife,onetimetestcondition.


Similar Part No. - LXZ2-3080-y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ2-3080-Y LUMILEDS-LXZ2-3080-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
More results

Similar Description - LXZ2-3080-y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
logo
Lumileds Lighting Compa...
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
Ledil, Inc.
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Ledil, Inc.
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com