Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWN1-0120 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LXML-PWN1-0120
Description  LUXEON Rebel General Purpose White Portfolio
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXML-PWN1-0120 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LXML-PWN1-0120 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LUXEON Rebel General Purpose Datasheet DS64 20140205
6
Electrical Characteristics at 350 mA for LUXEON Rebel,
Part Numbers LXML-PWx1-0xxx,Thermal Pad Temperature = 25ºC
Table 3.
Typical Temperature
Typical Thermal
Coefficient of
Resistance
Forward Voltage V
f
[1]
Forward Voltage [2]
Junction to
(V)
(mV/°C)
Thermal Pad (°C/W)
Color
Min.
Typ.
Max.
DV
f / DTJ
Ru
J-C
Cool-White
2.55
3.00
3.99
-2.0 to -4.0
10
Neutral-White
2.55
3.00
3.99
-2.0 to -4.0
10
Notes for Table 3:
1. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C = T
J = 110°C at If = 350 mA.
Typical Electrical Characteristics at 700 mA for LUXEON Rebel,
Part Numbers LXML-PWx1-0xxx,Thermal Pad Temperature = 25ºC [2]
Table 4.
Typical Forward Voltage V
f
[1]
Color
(V)
Cool-White
3.20
Neutral-White
3.20
Notes for Table 4:
1. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C = T
J = 110°C at If = 700 mA.
Electrical Characteristics


Similar Part No. - LXML-PWN1-0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWN1-0120 ETC2-LXML-PWN1-0120 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
LXML-PWN1-0120 LUMILEDS-LXML-PWN1-0120 Datasheet
2Mb / 26P
   General purpose white
LXML-PWN1-0120 LUMILEDS-LXML-PWN1-0120 Datasheet
1Mb / 2P
   General purpose white
More results

Similar Description - LXML-PWN1-0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
logo
Ledil, Inc.
FCX10855 LEDIL-FCX10855 Datasheet
2Mb / 4P
   ~50째 wide beam for LUXEON Rebel. Assembly with white holder.
FCX10856 LEDIL-FCX10856 Datasheet
1Mb / 4P
   ~11째 spot beam for LUXEON Rebel. Assembly with white holder.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
FCX11675 LEDIL-FCX11675 Datasheet
1Mb / 4P
   ~60째 wide beam optimized for LUXEON Rebel. Assembly with white holder.
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com