Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWN1-0120 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LXML-PWN1-0120
Description  LUXEON Rebel General Purpose White Portfolio
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXML-PWN1-0120 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LXML-PWN1-0120 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXML-PWN1-0120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LUXEON Rebel General Purpose Datasheet DS64 20140205
3
Product Nomenclature
LUXEON Rebel is tested and binned at 350 mA, with current pulse duration of 20 ms. All characteristic charts where the thermal pad is kept
at constant temperature (25ºC typically) are measured with current pulse duration of 20 ms. Under these conditions, junction temperature and
thermal pad temperature are the same.
The part number designation is explained as follows:
L X M L - A B C D - E F G H
Where:
A — designates radiation pattern (value P for Lambertian)
B — designates color (W = White)
C — designates tint variant (C = Cool-White or N = Neutral-White)
D — designates test current (value 1 for 350 mA)
E — reserved for future product offerings
FGH — minimum luminous flux (lm)
Therefore products tested and binned at 350 mA follow the part numbering scheme:
L X M L - P W x 1 - 0 x x x
Average Lumen Maintenance Characteristics
Lumen maintenance for solid-state lighting devices (LEDs) is typically defined in terms of the percentage of initial light output remaining after a
specified period of time. Philips Lumileds projects that LUXEON Rebel products will deliver, on average, 70% lumen maintenance (L70) at 50,000
hours of operation at a forward current of up to 700 mA. This projection is based on constant current operation with junction temperature
maintained at or below 135°C. This performance is based on independent test data, Philips Lumileds historical data from tests run on similar
material systems, and internal LUXEON reliability testing. Observation of design limits included in this data sheet is required in order to achieve this
projected lumen maintenance.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON Rebel is compliant
to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the REACH and RoHS directives.
Philips Lumileds will not intentionally add the following restricted materials to the LUXEON Rebel: lead, mercury, cadmium, hexavalent chromium,
polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).
General Product Information


Similar Part No. - LXML-PWN1-0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWN1-0120 ETC2-LXML-PWN1-0120 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
LXML-PWN1-0120 LUMILEDS-LXML-PWN1-0120 Datasheet
2Mb / 26P
   General purpose white
LXML-PWN1-0120 LUMILEDS-LXML-PWN1-0120 Datasheet
1Mb / 2P
   General purpose white
More results

Similar Description - LXML-PWN1-0120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
logo
Ledil, Inc.
FCX10855 LEDIL-FCX10855 Datasheet
2Mb / 4P
   ~50째 wide beam for LUXEON Rebel. Assembly with white holder.
FCX10856 LEDIL-FCX10856 Datasheet
1Mb / 4P
   ~11째 spot beam for LUXEON Rebel. Assembly with white holder.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
FCX11675 LEDIL-FCX11675 Datasheet
1Mb / 4P
   ~60째 wide beam optimized for LUXEON Rebel. Assembly with white holder.
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com