Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1T2-5070000000000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # L1T2-5070000000000
Description  Extreme efficacy that will transform your next market leading luminaire
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1T2-5070000000000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button L1T2-5070000000000 Datasheet HTML 6Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 7Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 8Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 9Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 10Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 11Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 12Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 13Page - List of Unclassifed Manufacturers L1T2-5070000000000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LUXEONTXDatasheetDS13320140224©2014PhilipsLumiledsLightingCompany.
9
Typical Relative Spectral Distribution vs. Wavelength
Characteristics
L1T2-xx70000000000(70CRI,White)atTestCurrent,
JunctionTemperature=85°C
L1T2-xx80000000000(80CRI,White)atTestCurrent,
JunctionTemperature=85°C
Figure 4. Color Spectrum of L1T2-xx70000000000.
Figure 5. Color Spectrum of L1T2-xx80000000000.


Similar Part No. - L1T2-5070000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1T2-5070000000000 LUMILEDS-L1T2-5070000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
L1T2-5070000000000 LUMILEDS-L1T2-5070000000000 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
L1T2-5070000000000 LUMILEDS-L1T2-5070000000000 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
More results

Similar Description - L1T2-5070000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1T2-3070000000000 LUMILEDS-L1T2-3070000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
logo
List of Unclassifed Man...
LXML-PWC2 ETC1-LXML-PWC2 Datasheet
2Mb / 33P
   Leading efficacy and light output, maximum design flexibility
logo
Texas Instruments
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
logo
List of Unclassifed Man...
PA8000 ETC2-PA8000 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Lumileds Lighting Compa...
L135-27800BHV00001 LUMILEDS-L135-27800BHV00001 Datasheet
2Mb / 21P
   High voltage package that reduces system BOM while achieving high efficacy
logo
InnovASIC, Inc
IA64250 INNOVASIC-IA64250_08 Datasheet
481Kb / 24P
   Histogram/Hough Transform Processor
logo
List of Unclassifed Man...
FAS2700 ETC-FAS2700 Datasheet
383Kb / 4P
   NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com