Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC0603X5R335K63TRPF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NMC0603X5R335K63TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0603X5R335K63TRPF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NMC0603X5R335K63TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 6Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 7Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 8Page - NIC-Components Corp. NMC0603X5R335K63TRPF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Case
Size
Voltage
(Vdc)
Cap.
Cap.
Tol.
DF
(%)
IR
(M
Ω)
DWV
(Vdc)
Max. T
(mm)
NMC0402X7R105K6.3TRPF
0402
6.3
1.0μF
K
12.5
100.0
15.75
0.6
NMC0603X7R225K6.3TRPF
0603
6.3
2.2μF
K
10
22.7
15.75
1.0
NMC0603X7R105K10TRPF
10
1.0μF
K
10
50.0
25
1.0
NMC0603X7R105K16TRPF
16
1.0μF
K
10
50.0
40
1.0
NMC0603X7R105K25TRPF
25
1.0μF
K
10
50.0
62.5
1.0
NMC0603X7R105K50TRPF
50
1.0μF
K
10
50.0
125
1.0
NMC0805X7R225K6.3TRPLPF
0805
6.3
2.2μF
K
10
22.7
15.75
2.2
NMC0805X7R335K6.3TRPLPF
3.3μF
K
10
30.3
15.75
2.2
NMC0805X7R475K6.3TRPLPF
4.7μF
K
10
10.6
15.75
2.2
NMC0805X7R106K6.3TRPLPF
10μF
K
15
5.0
15.75
2.2
NMC0805X7R105K10TRPLPF
10
1.0μF
K
5
50.0
25
1.35
NMC0805X7R155K10TRPLPF
1.5μF
K
5
66.6
25
1.45
NMC0805X7R225K10TRPLPF
2.2μF
K
10
22.7
25
2.2
NMC0805X7R475K10TRPLPF
4.7μF
K
10
10.6
25
1.45
NMC0805X7R106K10TRPLPF
10μF
K
15
5.0
25
1.45
NMC0805X7R105K16TRPLPF
16
1.0μF
K
5
50.0
40
1.35
NMC0805X7R225K16TRPLPF
2.2μF
K
10
22.7
40
2.2
NMC0805X7R335K16TRPLPF
3.3μF
K
10
30.3
40
2.2
NMC0805X7R475K16TRPLPF
4.7μF
K
10
10.6
40
2.2
NMC0805X7R106K16TRPLPF
10μF
K
10
5.0
40
1.45
NMC0805X7R105K25TRPLPF
25
1.0μF
K
5
50.0
62.5
1.35
NMC0805X7R225K25TRPLPF
2.2μF
K
10
22.7
62.5
2.2
NMC0805X7R335K25TRPLPF
3.3μF
K
10
30.3
62.5
2.2
NMC0805X7R475K25TRPLPF
4.7μF
K
10
21.2
62.5
1.4
NMC0805X7R105K50TRPLPF
50
1.0μF
K
10
50.0
125
1.45
NMC1206X7R106K6.3TRPLPF
1206
6.3
10μF
K
10
5.0
15.75
1.9
NMC1206X7R226K6.3TRPLPF
22μF
K
10
2.3
15.75
1.9
NMC1206X7R105K10TRPLPF
10
1.0μF
K
10
50.0
25
1.9
NMC1206X7R225K10TRPLPF
2.2μF
K
10
22.7
25
1.9
NMC1206X7R335K10TRPLPF
3.3μF
K
5
30.3
25
1.9
NMC1206X7R475K10TRPLPF
4.7μF
K
10
10.6
25
1.9
NMC1206X7R106K10TRPLPF
10μF
K
10
5.0
25
1.9
NMC1206X7R226K10TRPLPF
22μF
K
10
2.3
25
1.9
NMC1206X7R105K16TRPLPF
16
1.0μF
K
5
50.0
40
1.9
NMC1206X7R225K16TRPLPF
2.2μF
K
10
22.7
40
1.9
NMC1206X7R335K16TRPLPF
3.3μF
K
5
30.3
40
1.9
NMC1206X7R475K16TRPLPF
4.7μF
K
10
10.6
40
1.9
NMC1206X7R685K16TRPLPF
6.8μF
K
5
14
40
1.9
NMC1206X7R106K16TRPLPF
10μF
K
10
5.0
40
2.2
NMC1206X7R105K25TRPLPF
25
1.0μF
K
3.5
50.0
62.5
1.9
NMC1206X7R225K25TRPLPF
2.2μF
K
5
2.7
62.5
1.9
NMC1206X7R335K25TRPLPF
3.3μF
K
3.5
30.3
62.5
1.9
NMC1206X7R475K25TRPLPF
4.7μF
K
10
10.6
62.5
1.9
NMC1206X7R106K25TRPLPF
10μF
K
10
5.0
62.5
1.9
NMC1206X7R105K50TRPLPF
50
1.0μF
K
3.5
50.0
125
1.9
NMC1206X7R225K50TRPLPF
2.2μF
K
10
22.7
125
1.9
NMC1206X7R475K50TRPLPF
4.7μF
K
10
10.6
125
1.9
NMC1206X7R105K100TRPLPF
100
1.0μF
K
10
50.0
250
1.9
X7R PART NUMBERS AND SPECIFICATIONS
NMC High CV Series
Multilayer Ceramic Chip Capacitors
X7R Continue on next page
Denotes New Value


Similar Part No. - NMC0603X5R335K63TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0603X5R335K6.3TRPF NIC-NMC0603X5R335K6.3TRPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0603X5R335K63TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com