Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPH472100V1206TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NSPH472100V1206TRF
Description  Multilayer Acrylic Polymer Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPH472100V1206TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NSPH472100V1206TRF Datasheet HTML 1Page - NIC-Components Corp. NSPH472100V1206TRF Datasheet HTML 2Page - NIC-Components Corp. NSPH472100V1206TRF Datasheet HTML 3Page - NIC-Components Corp. NSPH472100V1206TRF Datasheet HTML 4Page - NIC-Components Corp. NSPH472100V1206TRF Datasheet HTML 5Page - NIC-Components Corp. NSPH472100V1206TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
LAND PATTERN DIMENSIONS (mm)
A
B
EIA Size
A ± 0.1
B ± 0.1
C ± 0.2
1206
1.8
3.6
1.4
1210
1.8
3.6
2.3
1812
2.7
5.7
3.0
2220
3.5
7.8
4.5
Note: These capacitors are sensitive to moisture. The parts should be used within one year of shipping date
while stored unopened in moisture barrier packaging at +5°C ~ 30°C and a relative humidity of <70% RH.
NSPH Series
STORAGE TIME LIMIT AFTER OPENING MOISTURE BARRIER PACKAGING
Size
Open Bag Storage Limit
(+30°C/<60% RH)
MSL*
1206
96 hours
4
1210
96 hours
4
1812
48 hours
5
2220
48 hours
5
*IPC/JEDEC J-STD-020-C
RECOMMENDED REFLOW PROFILE
Peak Temperature
260°C
50
100
150
200
250
300
Time
Pre-heat
150°C
60 ~120 sec.
25
0
Cool Down
Time above 230°C
30 ~ 60 sec.
Ramp-up
3°C/sec.
to 150°C
Multilayer Acrylic Polymer Film Capacitors


Similar Part No. - NSPH472100V1206TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
NSP-1600 MEANWELL-NSP-1600 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-12 MEANWELL-NSP-1600-12 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-24 MEANWELL-NSP-1600-24 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-36 MEANWELL-NSP-1600-36 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
More results

Similar Description - NSPH472100V1206TRF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
LC3 ROITHNER-LC3 Datasheet
41Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com