Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC42C2008 Datasheet(PDF) 16 Page - Daewoo Semiconductor

Part # DMC42C2008
Description  4Bit Single Chip Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC42C2008 Datasheet(HTML) 16 Page - Daewoo Semiconductor

Back Button DMC42C2008 Datasheet HTML 12Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 13Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 14Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 15Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 16Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 17Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 18Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 19Page - Daewoo Semiconductor DMC42C2008 Datasheet HTML 20Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
4Bit Single Chip Microcontroller
DMC42C2008
RAM DATA RETENTION CHARACTERISTICS ( in STOP Mode )
(TA = -40 to +85¡É)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
2.0
-
6.0
V
-
0.1
10
uA
0
-
-
uS
When released by RESETB
-
2
17/fx
-
mS
-
NOTE 1)
-
mS
NOTE 1) Depends on the setting of the basic interval timer mode register.
(refer to the table below)
( fX = 4.19MHz )
BMOD2
BMOD1
BMOD0
Oscillation Stabilization
0
0
0
2
20/fX (Approximately 250ms)
0
1
1
2
17/fX (Approximately 31.3ms)
1
0
0
2
15/fX (Approximately 7.82ms)
1
0
1
2
13/fX (Approximately 1.95ms)
Data Retention
Supply Voltage
Data Retention
Supply Current
Release Signal Set
Time
VDDDR
IDDDR
tSREL
VDDDR = 2.0V
When released by interrupt
Signal
Oscillation
Stabilization
Wait Time
tWAIT


Similar Part No. - DMC42C2008

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
More results

Similar Description - DMC42C2008

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C4404 AUK-SD42C4404 Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com