Electronic Components Datasheet Search |
|
NMC-Q0201NPO6R263TRPF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NMC-Q0201NPO6R263TRPF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 15 page 35 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com NMC-Q Series Multilayer Ceramic Chip Capacitors FEATURES • HIGH Q FOR RF APPLICATIONS • STABLE NPO CHARACTERISTICS OVER TEMPERATURE AND VOLTAGE • HIGH VOLTAGE (UP TO 250VDC) • EIA 0201, 0402 AND 0603 CASE SIZES • IDEAL FOR WIRELESS DATA AND VOICE COMMUNICATIONS APPLICATIONS WLANs, HIPERLAN, 802.11A, 802.11B, Wi-Fi, BLUETOOTH,TELEMATICS, PCS, LMDS AND CELLULAR DIMENSIONS (mm) NMC-Q 0603 NPO 100 J 50 TRP F RoHS Compliant Tape & Reel (Punched carrier) Voltage (Vdc) Capacitance Tolerance Code (see chart) Capacitance Code, expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros, “R” indicates decimal for under 10pF Temperature Characteristic Size Code (see chart) Series PART NUMBER SYSTEM P P L W T 100% Sn over Ni barrier SPECIFICATIONS NPO Capacitance Range 0.1pF ~ 47pF Capacitance Tolerance ±0.05pF(A), ±0.1pF(B), ±0.25pF(C), ±0.5pF(D) ±1%(F), ±2%(G), ±5% (J) Operating Temperature Range -55°C ~ +125°C Temperature Characteristics 0 ± 30PPM/°C Rated Voltage 6.3Vdc, 10Vdc, 25Vdc, 50Vdc, 100Vdc & 250Vdc Q Factor 0201 & 0402 Q>400+20C (1MHz, +25°C) 0603 C<30pF Q>800+20C, C >30pF Q>1000 insulation Resistance 10,000 Megohms min. @ +25°C Dielectric Withstanding Voltage 100V < X 2.5RV, 250V x 2RV for 5 ± 1 seconds EIA Case Size 0201 0402 0603 Length (L) 0.6 ± 0.03 1.0 ±0.05 1.6 ±0.10 Width (W) 0.3 ± 0.03 0.5 ± 0.05 0.8 ± 0.10 Thickness (T) 0.33 max. 0.55 max. 0.87 max. Termination Width (P) 0.10 ~ 0.20 0.15 ~ 0.30 0.25 ~ 0.55 *See Part Number System for Details SP t N b S t f D t il RoHS Compliant Includes all homogeneous materials |
Similar Part No. - NMC-Q0201NPO6R263TRPF |
|
Similar Description - NMC-Q0201NPO6R263TRPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |