Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-9 Datasheet(PDF) 98 Page - Tyco Electronics

Part # 2-111196-9
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-9 Datasheet(HTML) 98 Page - Tyco Electronics

Back Button 2-111196-9 Datasheet HTML 92Page - Tyco Electronics 2-111196-9 Datasheet HTML 93Page - Tyco Electronics 2-111196-9 Datasheet HTML 94Page - Tyco Electronics 2-111196-9 Datasheet HTML 95Page - Tyco Electronics 2-111196-9 Datasheet HTML 96Page - Tyco Electronics 2-111196-9 Datasheet HTML 97Page - Tyco Electronics 2-111196-9 Datasheet HTML 98Page - Tyco Electronics 2-111196-9 Datasheet HTML 99Page - Tyco Electronics 2-111196-9 Datasheet HTML 100Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
98
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Cable Solutions (Continued)
.156 [3.96] Centerline,
Flat Ribbon Cable,
PVC Insulation
Product Specifications
Voltage Rating — 300 Volts
UL Recognized — AWM Style 2651
CSA — Available on request
No. of
Dimensions
Part
Conductors
AB
C
Number
22 AWG 7/30 Tinned Copper
2
.156 [3.96]
.312 [7.92]
.051 [1.30]
57750-2
5
.624 [15.85]
.780 [19.81]
.051 [1.30]
57750-5
10
1.404 [35.66]
1.560 [39.62]
.051 [1.30]
1-57750-0
15
2.184 [55.47]
2.340 [59.44]
.051 [1.30]
1-57750-5
20
2.964 [75.29]
3.120 [79.25]
.051 [1.30]
2-57750-0
24
3.588 [91.14]
3.744 [95.10]
.051 [1.30]
2-57750-4
18 AWG 7/26 Tinned Copper
2
.156 [3.96]
.312 [7.92]
.068 [1.73]
57752-2
5
.624 [15.85]
.780 [19.81]
.068 [1.73]
57752-5
10
1.404 [35.66]
1.560 [39.62]
.068 [1.73]
1-57752-0
15
2.184 [55.47]
2.340 [59.44]
.068 [1.73]
1-57752-5
20
2.964 [75.29]
3.120 [79.25]
.068 [1.73]
2-57752-0
24
3.588 [91.14]
3.744 [95.10]
.068 [1.73]
2-57752-4
Other Conductor Counts Available on Request.
Contact MADISON CABLE (1-877-MADISON), a Division of TE, for engineer-
ing questions or for order placement of this cable.
Edge Mark
Insulation —
Gray Flame Retardant Flexible PVC
.007 [0.17] Minimum Insulation Thickness
Temperature Rating — –20°C to +105°C
Flammability — UL: VW1
Typ.
B
C
A
.078
[1.98]
.156
[3.96]
Typ.
.010
[0.25]


Similar Part No. - 2-111196-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-9 MACOM-2-111196-9 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-9 MACOM-2-111196-9 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-9 MACOM-2-111196-9 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 2-111196-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com