Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-9 Datasheet(PDF) 84 Page - Tyco Electronics

Part # 2-111196-9
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-9 Datasheet(HTML) 84 Page - Tyco Electronics

Back Button 2-111196-9 Datasheet HTML 80Page - Tyco Electronics 2-111196-9 Datasheet HTML 81Page - Tyco Electronics 2-111196-9 Datasheet HTML 82Page - Tyco Electronics 2-111196-9 Datasheet HTML 83Page - Tyco Electronics 2-111196-9 Datasheet HTML 84Page - Tyco Electronics 2-111196-9 Datasheet HTML 85Page - Tyco Electronics 2-111196-9 Datasheet HTML 86Page - Tyco Electronics 2-111196-9 Datasheet HTML 87Page - Tyco Electronics 2-111196-9 Datasheet HTML 88Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
84
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Universal Ejection Style Pin Headers, Military, Center and
Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Vertical PCB Mount
.025 [0.64] Sq. Posts
(Mating End)
Material and Finish
Housing & Latches—Black PBT or
nylon, UL 94V-0 rated
Contacts — Brass; duplex plated (See
chart, page 85)
Related Product Data
Mateable Receptacles —
pages 48-55
Accessories —
Snap-In Polarizer — page 63
Technical Documents
Product Specifications
108-40018 Pin Headers
Pin Header
with Latches
Pin Header
without Latches
No. of
Dimensions
Positions
AB
C
D
E
F
.700
1.100
1.260
.860
1.100
.400
10
17.78
27.94
32.00
21.84
27.94
10.16
.900
1.300
1.460
1.060
1.300
.600
14
22.86
33.02
37.08
26.92
33.02
15.24
1.000
1.400
1.560
1.180
1.400
.700
16
25.40
35.56
39.62
29.46
35.56
17.78
1.200
1.600
1.760
1.360
1.800
.900
20
30.48
40.64
44.70
34.54
40.64
22.86
1.400
1.800
1.960
1.560
1.800
1.100
24
35.56
45.72
49.78
39.62
45.72
27.94
1.500
1.900
2.060
1.660
1.900
1.200
26
38.10
48.26
52.32
42.16
48.26
30.48
1.700
2.100
2.260
1.860
2.100
1.400
30
43.18
53.34
57.40
47.24
53.34
35.56
1.900
2.300
2.460
2.060
2.300
1.600
34
48.26
58.42
62.48
52.32
58.42
40.64
2.200
2.600
2.760
2.360
2.600
1.900
40
55.88
66.04
70.10
59.94
66.04
48.26
2.700
3.100
3.260
2.860
3.100
2.400
50
68.58
78.74
82.80
72.64
78.74
60.98
3.200
3.600
3.760
3.360
3.600
2.900
60
81.28
91.44
95.50
85.34
91.44
73.66
3.400
3.800
3.960
3.560
3.800
3.100
64
86.36
96.52
100.58
90.42
96.52
78.74
Notes: 1. Pin headers in 10- and 14-position sizes have only one slot
for snap-in polarizer (military polarization), located as shown.
Notes: 2. Pin headers in 10-position size have only slot for dual
polarization, located as shown.
Notes: 3. For information regarding latch/pin header applications and
for ordering latches separately, refer to page 96.
.100
[2.54]
.150
[3.81]
.253
[6.43]
.336
[8.53]
.315
[8.00]
B
C
A
.100
[2.54]
.025
[0.64]
D
.096
[2.44]
Dia.
2 Plc.
.106
[2.74]
.025
[0.64]
.549
[13.94]
.165
[4.19]
.190
[4.83]
.240
[6.10]
.107
[2.72]
.289
[7.34]
.110
[2.79]
or
.155
[3.94]
Solder Tail
.050
[1.27]
.150
[3.81]
Ø .025
[0.64]
.195
[4.95]
Position No.1
Indicator
Pin 2
Pin 1


Similar Part No. - 2-111196-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-9 MACOM-2-111196-9 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-9 MACOM-2-111196-9 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-9 MACOM-2-111196-9 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 2-111196-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com