Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-111196-8 Datasheet(PDF) 14 Page - Tyco Electronics

Part # 1-111196-8
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-111196-8 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button 1-111196-8 Datasheet HTML 10Page - Tyco Electronics 1-111196-8 Datasheet HTML 11Page - Tyco Electronics 1-111196-8 Datasheet HTML 12Page - Tyco Electronics 1-111196-8 Datasheet HTML 13Page - Tyco Electronics 1-111196-8 Datasheet HTML 14Page - Tyco Electronics 1-111196-8 Datasheet HTML 15Page - Tyco Electronics 1-111196-8 Datasheet HTML 16Page - Tyco Electronics 1-111196-8 Datasheet HTML 17Page - Tyco Electronics 1-111196-8 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
14
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ultra ATA Bus Connectors, .025 [0.64] Centerline Ribbon Cable (Continued)
Ribbon Cable Interconnect Solutions
Ground
Bus Bar
Max.
Signal
Contacts
Contact
Optional Center*
Polarizer Bar
Position 1
Position 1
Position 1
Cover
Housing
Pos. No. 1
Indicator
.420
[10.67]
.492
[12.50]
Ref.
.610
[15.49]
.240
[6.10]
2.186
[55.52]
1.90
[48.26]
.100
[2.54]
.100
[2.54]
“System” Board
Connector
“Slave”
Connector
“Master” or
“Primary”
Connector
Configuration A
“System” Board
Connector
“Slave”
Connector
“Master” or
“Primary”
Connector
Configuration B
Terminated View
Color Coded
Conductor No. 1
Pin 34
Conductor Cut
per SFF-8049
Related Product Data
Strain Relief — Part Number 499252-
1
Mateable Headers — page 15
Material & Finish
Housing and Cover —
Thermoplastic, UL 94 V-0 rated, color
per table
Contacts — Phosphor bronze, plated
gold per table on mating end, .000050
[0.00127]min. tin in wire termination
area, over .000050 [0.00127] min nickel
on entire contact.
Technical Documents
Product Specification
108-1740
Application Specification
114-40056
See Application Specification for
termination tooling.
Accessories
Strain Relief — page 68
Keying Plug — page 64
Pull Loops — page 66
Pull Tabs — page 63
Circuit 20
Molded Shut
*Center & Military Polarized
Military Polarized
Connector Type
15µ" Gold
Housing
Cover
15µ" Gold
Housing
Cover
Color
Color
Color
Color
“System” Board
1658619-2
Blue
Black
1658618-2
Blue
Black
“Primary” or “Master”
1658619-1
Black
Black
1658618-1
Black
Black
“Slave”
1658619-3
Gray
Black
1658618-3
Gray
Black
Notes: 1. All connectors are “ODD GROUND” configuration, ie. all odd cable conductors are grounded. “EVEN GROUND” connectors are not available.
See Customer Drawings for detailed electrical connection descriptions.
2. All part numbers are RoHS compliant.


Similar Part No. - 1-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-111196-8 MACOM-1-111196-8 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
1-111196-8 MACOM-1-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-111196-8 MACOM-1-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 1-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com