Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-T0805X5R22563TRPR95F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NMC-T0805X5R22563TRPR95F
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-T0805X5R22563TRPR95F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NMC-T0805X5R22563TRPR95F Datasheet HTML 1Page - NIC-Components Corp. NMC-T0805X5R22563TRPR95F Datasheet HTML 2Page - NIC-Components Corp. NMC-T0805X5R22563TRPR95F Datasheet HTML 3Page - NIC-Components Corp. NMC-T0805X5R22563TRPR95F Datasheet HTML 4Page - NIC-Components Corp. NMC-T0805X5R22563TRPR95F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Taping Specifications
REEL DIMENSIONS (mm)
REEL QUANTITIES
PUNCHED CARRIER TAPE DIMENSIONS (mm)
Maximum
Thickness
Case Size
0402
0603
0805
1206
1210
Reel Diameter
7"
7"
10"
13"
7"
10"
13"
7"
10"
13"
7"
10"
13"
0.33
15K
------------
0.60
-
4K
10K
15K
---------
0.95
-
-
-
-
4K
10K
15K
4K
10K
15K
3K
5K
10K
1.30
-
------
3K
5K
10K
---
Multilayer Ceramic Chip Capacitors
Reel Diameter (A)
B
C
T max.
7” (178 ± 1.0)
13 ± 0.5
60 ± 1.0
8.4 +1.5/-0
10” (250 ± 1.0)
100 ± 1.0
13” (330 ± 1.0)
100 ± 1.0
C
T
A
REEL
CARRIER TAPE MATERIAL
t
D
Po
W
F
Ao
P1
Component
Pitch
Bo
E
PUNCHED CARRIER TAPE
Maximum
Thickness
0402
0603
0805
1206
1210
0.33
Paper
-
-
-
-
0.60
-
Paper
-
-
-
0.95
-
-
Paper
Paper
Plastic
1.30
-
-
-
Plastic
-
Case
Size
A
o
B
o
WF
E
P1
P0
D0
T
Mounting
Hole
0402
0.62 ± 0.05 1.12 ± 0.05
8.0 ± 0.3
3.5 ± 0.05 1.75 ± 0.1
2.0 ± 0.10
4.0 ± 0.1
1.5 +0.1/
-0.0
0.42 ± 0.05
Angular
Punch
Hole
0603
1.1 ± 0.2
1.9 ± 0.2
0.60 ± 0.05
0805
1.5 ± 0.1
2.4 ± 0.2
4.0 ± 0.10
0.95 ± 0.05
1206
2.0 ± 0.2
3.6 ± 0.2
1.5 ± 0.05


Similar Part No. - NMC-T0805X5R22563TRPR95F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-T0805X5R225-10TRPR95F NIC-NMC-T0805X5R225-10TRPR95F Datasheet
100Kb / 5P
   Multilayer Ceramic Chip Capacitors
NMC-T0805X5R225-16TRPR95F NIC-NMC-T0805X5R225-16TRPR95F Datasheet
100Kb / 5P
   Multilayer Ceramic Chip Capacitors
NMC-T0805X5R225-63TRPR95F NIC-NMC-T0805X5R225-63TRPR95F Datasheet
100Kb / 5P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-T0805X5R22563TRPR95F

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com