Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-T0805X5R10510TRPR95F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC-T0805X5R10510TRPR95F
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-T0805X5R10510TRPR95F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC-T0805X5R10510TRPR95F Datasheet HTML 1Page - NIC-Components Corp. NMC-T0805X5R10510TRPR95F Datasheet HTML 2Page - NIC-Components Corp. NMC-T0805X5R10510TRPR95F Datasheet HTML 3Page - NIC-Components Corp. NMC-T0805X5R10510TRPR95F Datasheet HTML 4Page - NIC-Components Corp. NMC-T0805X5R10510TRPR95F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NMC-T Low Profile Series
Multilayer Ceramic Chip Capacitors
FEATURES
• X7R, X5R AND Y5V DIELECTRICS
• HIGH CAPACITANCE & LOW PROFILE
• RoHS COMPLIANT
• SAC SOLDER COMPATIBLE
*Reflow soldering is recommended. Contact NIC regarding the use of other soldering methods.
*See Part Number System for Details
Temperature Coefficient
X7R
X5R
Y5V
Capacitance Range
1.0
μF
0.22
μF ~ 22μF
1.0
μF ~ 10μF
Capacitance Tolerance
10% (K) & 20% (M)
10% (K) & 20% (M)
+80%/-20% (Z)
Operating Temperature Range
-55°C ~ +125°C
-55°C ~ +85°C
-25°C ~ +85°C
Temperature Characteristics
±15%
Δ Cap.
±15%
Δ Cap.
+30%, -80%
Δ Cap.
Rated Voltages
25VDC
6,3, 10, 16 & 25VDC
10, 16, 25 & 50VDC
Dissipation Factor
10%
6.3V: 15%, 10V, 16V & 25V: 10%
10V & 16V: 12.5%, 25V: 9%, 50V: 7%
insulation Resistance
500Megohm/
μF minimum @ +25°C
Dielectric Withstanding Voltage
250% of Rated Voltage for 5 ± 1 sec., 50mA max.
Test Conditions (EIA-198-2E)
1KHz, 1.0V ±0.2Vrms (ALC on), for C > 10
μF 120Hz, 0.5 ±0.2 VRMS (ALC on)
RoHS
Compliant
Includes all homogeneous materials
NMC-T 0603 X5R 105 K 16 TRP or TRPLP R60 F
RoHS Compliant
Maximum Thickness
R33 = 0.33mm, R60 = 0.6mm,
R95 = 0.95mm, 1R3 = 1.3mm
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Punched carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros
Temperature Characteristic (X7R, X5R OR Y5V)
Size Code (see dimensions table)
Series
PART NUMBER SYSTEM


Similar Part No. - NMC-T0805X5R10510TRPR95F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-T0805X5R105-10TRPR95F NIC-NMC-T0805X5R105-10TRPR95F Datasheet
100Kb / 5P
   Multilayer Ceramic Chip Capacitors
NMC-T0805X5R105-16TRPR95F NIC-NMC-T0805X5R105-16TRPR95F Datasheet
100Kb / 5P
   Multilayer Ceramic Chip Capacitors
NMC-T0805X5R105-25TRPR95F NIC-NMC-T0805X5R105-25TRPR95F Datasheet
100Kb / 5P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-T0805X5R10510TRPR95F

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com