Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SB1658 Datasheet(PDF) 4 Page - NEC

Part No. 2SB1658
Description  AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

2SB1658 Datasheet(HTML) 4 Page - NEC

  2SB1658 Datasheet HTML 1Page - NEC 2SB1658 Datasheet HTML 2Page - NEC 2SB1658 Datasheet HTML 3Page - NEC 2SB1658 Datasheet HTML 4Page - NEC 2SB1658 Datasheet HTML 5Page - NEC 2SB1658 Datasheet HTML 6Page - NEC 2SB1658 Datasheet HTML 7Page - NEC 2SB1658 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SB1658
VCE - Collector to Emitter Voltage - V
Collector to Emitter Voltage vs Collector Current
−6
−5
−4
−3
−2
−1
0
−4.0
−3.0
−2.0
−1.0
−16 mA
−12 mA
−8mA
IB =
−4 mA
DC Current Gain vs Collector Current
IC - Collector Current - A
−1
−10
−100 m
−10 m
−1 m
10
100
1000
VC E =
−2 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn