Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN10710 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN10710
Description  107MHz SAW Filter 7MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN10710 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN10710 Datasheet HTML 1Page - SIPAT Co,Ltd LBN10710 Datasheet HTML 2Page - SIPAT Co,Ltd LBN10710 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN10710
Rev. Date
2010-01-07
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
107MHz SAW Filter
7MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN10710
Typical Performance
Frequency Response
Passband Response
90
95
100
105
110
115
120
125
-111.6746
-101.6746
-91.6746
-81.6746
-71.6746
-61.6746
-51.6746
-41.6746
-31.6746
-21.6746
-11.6746
Type Performance
Frequency(MHz)
100
102
104
106
108
110
112
114
-24.1746
-23.6746
-23.1746
-22.6746
-22.1746
-21.6746
-21.1746
-20.6746
-20.1746
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±3MHz)
Phase Linearity(f0±3MHz)
102
104
106
108
110
112
2200
2400
2600
2800
3000
3200
3400
3600
X: 107
Y: 3053
Type Performance
Frequency(MHz)
X: 110
Y: 3030
X: 104
Y: 2982
102
104
106
108
110
112
-50
-40
-30
-20
-10
0
10
20
30
40
X: 104
Y: -0.4585
Type Performance
Frequency(MHz)
X: 110
Y: 7.633
X: 107
Y: -4.399
Horizontal: 2MHz/Div
Vertical: 200ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN10710

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN10710 SIPAT-LBN10710 Datasheet
194Kb / 3P
   107MHz SAW Filter 7MHz Bandwidth
More results

Similar Description - LBN10710

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN10710 SIPAT-LBN10710 Datasheet
194Kb / 3P
   107MHz SAW Filter 7MHz Bandwidth
LBT10701 SIPAT-LBT10701 Datasheet
144Kb / 3P
   107MHz SAW Filter 7MHz Bandwidth
LBT10701 SIPAT-LBT10701 Datasheet
138Kb / 3P
   107MHz SAW Filter 7MHz Bandwidth
LBN10709 SIPAT-LBN10709 Datasheet
150Kb / 3P
   107MHz SAW Filter 26MHz Bandwidth
LBS10702 SIPAT-LBS10702 Datasheet
143Kb / 3P
   107MHz SAW Filter 2MHz Bandwidth
LBN10708 SIPAT-LBN10708 Datasheet
150Kb / 3P
   107MHz SAW Filter 24MHz Bandwidth
LBN10706 SIPAT-LBN10706 Datasheet
196Kb / 3P
   107MHz SAW Filter 20MHz Bandwidth
LBN10709 SIPAT-LBN10709 Datasheet
150Kb / 3P
   107MHz SAW Filter 26MHz Bandwidth
LBN10704 SIPAT-LBN10704 Datasheet
149Kb / 3P
   107MHz SAW Filter 24MHz Bandwidth
LBN10704 SIPAT-LBN10704 Datasheet
143Kb / 3P
   107MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com