Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1N4148-T
Description  1N4148 SIGNAL DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1N4148-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1N4148-T Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N4148-T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL SPECIFICATION
1N4148
RECTRON
1N4148 SIGNAL DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltage
VR
75
V
Reverse Recovery
Time
trr
4
ns
Power Dissipation
3.33mW/
°C (25°C)
P
500
mW
Forward Current
IF
150
mA
Junction Temp.
Tj
-65 to 175
°C
Storage Temp.
Tstg
-65 to 175
°C
Mechanical Data
Items
Materials
Package
DO-35
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Dimensions (DO-35)
DO-35
0.457
0.559
2.0
max.
4.2
max.
26 MIN
26 MIN
Dimensions in millimeters
DIA.
DIA.
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Minimum Breakdown Voltage
IR= 5.0uA
IR= 100uA
BV
75
100
V
Peak Forward Surge Current PW= 1sec.
IFsurge
2.0
A
Maximum Forward Voltage
IF= 10mA
VF
1.0
V
Maximum Reverse Current
VR= 20V
VR= 75V
VR= 20V, Tj= 150
°C
IR
0.025
5.0
50
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
4
pF
Maximum Reverse Recovery Time
IF= 10mA, VR= 6V, IRR= 1mA, RL= 100
W
trr
4
ns


Similar Part No. - 1N4148-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4148-T DIODES-1N4148-T Datasheet
63Kb / 2P
   FAST SWITCHING DIODE
DS12019 Rev. 6 - 2
logo
ON Semiconductor
1N4148-T26A ONSEMI-1N4148-T26A Datasheet
156Kb / 7P
   Small Signal Diode
October, 2017 ??Rev. 4
logo
Won-Top Electronics
1N4148-T3 WTE-1N4148-T3 Datasheet
32Kb / 3P
   FAST SWITCHING DIODE
1N4148-T3 WTE-1N4148-T3 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
ON Semiconductor
1N4148-T50A ONSEMI-1N4148-T50A Datasheet
156Kb / 7P
   Small Signal Diode
October, 2017 ??Rev. 4
More results

Similar Description - 1N4148-T

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4148 WILLAS-1N4148 Datasheet
331Kb / 2P
   1N4148 SIGNAL DIODE
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
   1N4148 Quadro MELF SIGNAL DIODE
MM4148 RECTRON-MM4148 Datasheet
22Kb / 1P
   1N4148 mini-MELF SIGNAL DIODE
logo
WILLAS ELECTRONIC CORP
LS4148 WILLAS-LS4148 Datasheet
477Kb / 1P
   1N4148 Quadro MELF SIGNAL DIODE
logo
DIOTEC Electronics Corp...
1N4148 DEC-1N4148 Datasheet
335Kb / 2P
   1N4148 MINIATURE ULTRA FAST SWITCHING DIODE
UFSD-101-1B DEC-UFSD-101-1B Datasheet
338Kb / 2P
   1N4148 MINIATURE ULTRA FAST SWITCHING DIODE
logo
Rectron Semiconductor
BAV70 RECTRON-BAV70 Datasheet
18Kb / 1P
   SURFACE MOUNT, DUAL 1N4148 COMMON CATHODE DIODE
BAW56 RECTRON-BAW56 Datasheet
18Kb / 1P
   SURFACE MOUNT, DUAL 1N4148 COMMON ANODE DIODE
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N914B RECTRON-1N914B Datasheet
11Kb / 1P
   SIGNAL DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com