Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR681M315V35X35SF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NRLR681M315V35X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR681M315V35X35SF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NRLR681M315V35X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 10Page - NIC-Components Corp. NRLR681M315V35X35SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR331M385V25X45SF
330
385
25x45
0.754
0.580
1.80
2.52
NRLR331M385V30X35SF
30x35
0.754
0.580
1.85
2.59
NRLR331M385V35X30SF
35x30
0.754
0.580
1.87
2.61
NRLR391M385V25X50SF
390
25x50
0.638
0.491
2.04
2.85
NRLR391M385V30X40SF
30x40
0.638
0.491
2.05
2.87
NRLR391M385V35X35SF
35x35
0.638
0.491
2.07
2.89
NRLR471M385V30X45SF
470
30x45
0.530
0.408
2.26
3.16
NRLR471M385V35X35SF
35x35
0.530
0.408
2.26
3.16
NRLR561M385V30X50SF
560
30x50
0.445
0.342
2.57
3.59
NRLR561M385V35X40SF
35x40
0.445
0.342
2.59
3.62
NRLR681M385V35X45SF
680
35x45
0.366
0.282
2.80
3.92
NRLR680M400V20X25SF
68
400
20x25
3.658
2.814
0.75
1.05
NRLR820M400V20X30SF
82
20x30
3.033
2.333
0.82
1.14
NRLR820M400V22X25SF
22x25
3.033
2.333
0.84
1.17
NRLR101M400V20X30SF
100
20x30
2.487
1.913
0.95
1.33
NRLR101M400V22X30SF
22x30
2.487
1.913
0.99
1.38
NRLR121M400V20X35SF
120
20x35
2.073
1.595
1.07
1.49
NRLR121M400V22X30SF
22x30
2.073
1.595
1.09
1.52
NRLR121M400V25X25SF
25x25
2.073
1.595
1.13
1.58
NRLR151M400V20X40SF
150
20x40
1.658
1.276
1.22
1.70
NRLR151M400V22X35SF
22x35
1.658
1.276
1.24
1.73
NRLR151M400V25X30SF
25x30
1.658
1.276
1.27
1.77
NRLR181M400V22X40SF
180
22x40
1.382
1.063
1.41
1.97
NRLR181M400V25X30SF
25x30
1.382
1.063
1.44
2.01
NRLR181M400V30X25SF
30x25
1.382
1.063
1.52
2.12
NRLR221M400V22X45SF
220
22x45
1.131
0.870
1.58
2.21
NRLR221M400V25X35SF
25x35
1.131
0.870
1.64
2.29
NRLR221M400V30X30SF
30x30
1.131
0.870
1.66
2.32
NRLR272M400V25X40SF
270
25x40
0.922
0.709
1.79
2.50
NRLR272M400V30X30SF
30x30
0.922
0.709
1.82
2.54
NRLR331M400V25X45SF
330
25x45
0.754
0.580
2.00
2.80
NRLR331M400V30X35SF
30x35
0.754
0.580
2.05
2.87
NRLR331M400V35X30SF
35x30
0.754
0.580
2.05
2.87
NRLR391M400V30X40SF
390
30x40
0.638
0.491
2.26
3.16
NRLR391M400V35X35SF
35x35
0.638
0.491
2.28
3.19
NRLR471M400V30X45SF
470
30x45
0.530
0.408
2.51
3.51
NRLR471M400V35X40SF
35x40
0.530
0.408
2.54
3.55
NRLR561M400V30X50SF
560
30x50
0.445
0.342
2.85
3.99
NRLR561M400V35X40SF
35x40
0.445
0.342
2.85
3.99
NRLR681M400V35X50SF
680
35x50
0.366
0.282
3.10
4.34
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLR680M420V20X25SF
68
420
20x25
6.096
4.689
0.70
0.98
NRLR820M420V20X30SF
82
20x30
5.055
3.889
0.80
1.12
NRLR820M420V22X25SF
22x25
5.055
3.889
0.85
1.19
NRLR101M420V20X35SF
100
20x35
4.145
3.189
0.90
1.26
NRLR101M420V22X30SF
22x30
4.145
3.189
0.97
1.35
NRLR101M420V25X25SF
25x25
4.145
3.189
0.98
1.37
NRLR121M420V20X35SF
120
20x35
3.454
2.657
1.04
1.45
NRLR121M420V22X30SF
22x30
3.454
2.657
1.07
1.49
NRLR121M420V25X25SF
25x25
3.454
2.657
1.08
1.51
NRLR151M420V20X40SF
150
20x40
2.764
2.126
1.17
1.63
NRLR151M420V22X35SF
22x35
2.764
2.126
1.21
1.69
NRLR151M420V25X30SF
25x30
2.764
2.126
1.26
1.76
NRLR151M420V30X25SF
30x25
2.764
2.126
1.30
1.82
NRLR181M420V22X40SF
180
22x40
2.303
1.772
1.33
1.86
NRLR181M420V25X35SF
25x35
2.303
1.772
1.42
1.98
NRLR181M420V30X25SF
30x25
2.303
1.772
1.48
2.07
420Vdc Continued on next page


Similar Part No. - NRLR681M315V35X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR682M100V20X25F NIC-NRLR682M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR682M100V20X30F NIC-NRLR682M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR682M100V22X25X30X40F NIC-NRLR682M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR682M100V35X30F NIC-NRLR682M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR682M10V20X25F NIC-NRLR682M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR681M315V35X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com