Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN09101 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN09101
Description  91MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09101 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN09101 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09101 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09101 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN09101
Rev. Date
2011-01-31
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
91MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN09101
Matching Configuration
L1=L2=120nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: DIP3512
Unit: mm
Pad Configuration:
Input
1
Output
5
Ground All Others
Marking Configuration:
1) SIPAT: Manufacturer Name
2) LBN09101: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
L2
INPUT
OUTPUT
50Ω
50Ω
L1
35.00 0.50
0.45 0.05
25.40 0.50
2.54 0.20
2.54 0.20
SIPAT
LBN09101
XXYYZZ


Similar Part No. - LBN09101

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09101 SIPAT-LBN09101 Datasheet
150Kb / 3P
   91MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBN09101

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09101 SIPAT-LBN09101 Datasheet
150Kb / 3P
   91MHz SAW Filter 24MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TL0026A TAI-SAW-TL0026A Datasheet
630Kb / 6P
   LTCC Filter 824 ~ 915(869.5) MHz SMD 0.65x0.5 mm (91MHz BW)
TL0027A TAI-SAW-TL0027A Datasheet
459Kb / 6P
   LTCC Filter 824 ~ 915(869.5) MHz SMD 1.0x0.5 mm (91MHz BW)
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com