Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR331M250V25X25SF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLR331M250V25X25SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR331M250V25X25SF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLR331M250V25X25SF Datasheet HTML 1Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 2Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 3Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 4Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 5Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 6Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 7Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 8Page - NIC-Components Corp. NRLR331M250V25X25SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR103M10V20X25SF
10,000
10
20x25
0.092
0.071
2.22
2.55
NRLR123M10V20X30SF
12,000
20x30
0.076
0.059
2.44
2.80
NRLR123M10V22X25SF
22x25
0.076
0.059
2.41
2.77
NRLR153M10V20X35SF
15,000
20x35
0.061
0.047
2.90
3.33
NRLR153M10V22X30SF
22x30
0.061
0.047
2.88
3.31
NRLR153M10V25X25SF
25x25
0.061
0.047
2.88
3.31
NRLR183M10V20X40SF
18,000
20x40
0.051
0.039
3.31
3.80
NRLR183M10V22X35SF
22x35
0.051
0.039
3.32
3.81
NRLR183M10V25X30SF
25x30
0.051
0.039
3.08
3.54
NRLR223M10V22X40SF
22,000
22x40
0.042
0.032
3.79
4.35
NRLR223M10V25X30SF
25x30
0.042
0.032
3.66
4.20
NRLR223M10V30X25SF
30x25
0.042
0.032
3.58
4.11
NRLR273M10V22X45SF
27,000
22x45
0.034
0.026
4.04
4.64
NRLR273M10V25X35SF
25x35
0.034
0.026
4.04
4.64
NRLR273M10V30X30SF
30x30
0.034
0.026
3.99
4.58
NRLR333M10V22X50SF
33,000
22x50
0.028
0.022
4.58
5.26
NRLR333M10V25X40SF
25x40
0.028
0.022
4.56
5.24
NRLR333M10V30X30SF
30x30
0.028
0.022
4.58
5.26
NRLR392M10V25X45SF
39,000
25x45
0.024
0.018
5.29
6.08
NRLR392M10V30X35SF
30x35
0.024
0.018
5.21
5.99
NRLR393M10V35X30SF
35x30
0.024
0.018
5.05
5.80
NRLR473M10V25X50SF
47,000
25x50
0.020
0.015
5.78
6.64
NRLR473M10V30X40SF
30x40
0.020
0.015
5.78
6.64
NRLR473M10V35X35SF
35x35
0.020
0.015
5.55
6.38
NRLR563M10V30X45SF
56,000
30x45
0.017
0.013
6.59
7.57
NRLR563M10V35X35SF
35x35
0.017
0.013
6.40
7.36
NRLR683M10V30X50SF
68,000
30x50
0.014
0.011
7.50
8.62
NRLR683M10V35X40SF
35x40
0.014
0.011
7.48
8.60
NRLR823M10V35X50SF
82,000
35x50
0.012
0.009
8.50
9.77
NRLR822M16V20X25SF
8,200
16
20x25
0.102
0.078
2.56
2.94
NRLR103M16V20X30SF
10,000
20x30
0.083
0.064
2.85
3.27
NRLR103M16V22X25SF
22x25
0.083
0.064
2.85
3.27
NRLR123M16V20X35SF
12,000
20x35
0.070
0.054
3.20
3.68
NRLR123M16V22X30SF
22x30
0.070
0.054
3.20
3.68
NRLR153M16V20X40SF
15,000
20x40
0.056
0.043
3.70
4.25
NRLR153M16V22X35SF
22x35
0.056
0.043
3.70
4.25
NRLR153M16V25X25SF
25x25
0.056
0.043
3.70
4.25
NRLR183M16V22X40SF
18,000
22x40
0.047
0.036
3.98
4.57
NRLR183M16V25X30SF
25x30
0.047
0.036
3.98
4.57
NRLR223M16V22X45SF
22,000
22x45
0.038
0.029
4.52
5.19
NRLR223M16V25X35SF
25x35
0.038
0.029
4.52
5.19
NRLR223M16V30X25SF
30x25
0.038
0.029
4.52
5.19
NRLR273M16V22X50SF
27,000
22x50
0.031
0.024
4.98
5.72
NRLR273M16V25X40SF
25x40
0.031
0.024
4.98
5.72
NRLR273M16V30X30SF
30x30
0.031
0.024
4.98
5.72
NRLR333M16V25X45SF
33,000
25x45
0.026
0.020
5.49
6.31
NRLR333M16V30X35SF
30x35
0.026
0.020
5.49
6.31
NRLR333M16V35X30SF
35x30
0.026
0.020
5.49
6.31
NRLR333M16V25X50SF
39,000
25x50
0.022
0.017
6.11
7.02
NRLR333M16V30X40SF
30x40
0.022
0.017
6.11
7.02
NRLR333M16V35X35SF
35x35
0.022
0.017
6.11
7.02
NRLR473M16V30X45SF
47,000
30x45
0.018
0.014
6.80
7.82
NRLR473M16V35X35SF
35x35
0.018
0.014
6.80
7.82
NRLR563M16V30X50SF
56,000
30x50
0.015
0.012
7.62
8.76
NRLR563M16V35X40SF
35x40
0.015
0.012
7.62
8.76
NRLR683M16V35X45SF
68,000
35x45
0.013
0.010
8.45
9.71
NRLR823M16V35X50SF
82,000
35x50
0.011
0.008
9.14
10.51
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLR331M250V25X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR332M100V20X25F NIC-NRLR332M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR332M100V20X30F NIC-NRLR332M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR332M100V22X25X30X40F NIC-NRLR332M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR332M100V35X30F NIC-NRLR332M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR332M10V20X25F NIC-NRLR332M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR331M250V25X25SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com