Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1657 Datasheet(PDF) 4 Page - NEC

Part # 2SB1657
Description  AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB1657 Datasheet(HTML) 4 Page - NEC

  2SB1657 Datasheet HTML 1Page - NEC 2SB1657 Datasheet HTML 2Page - NEC 2SB1657 Datasheet HTML 3Page - NEC 2SB1657 Datasheet HTML 4Page - NEC 2SB1657 Datasheet HTML 5Page - NEC 2SB1657 Datasheet HTML 6Page - NEC 2SB1657 Datasheet HTML 7Page - NEC 2SB1657 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SB1657
VCE - Collector to Emitter Voltage - V
COLLECTOR TO EMITTER VOLTAGE vs COLLECTOR CURRENT
−6
−5
−4
−3
−2
−1
0
−4.0
−3.0
−2.0
−1.0
−16 mA
−12 mA
−8mA
IB =
−4 mA
DC CURRENT GAIN vs COLLECTOR CURRENT
IC - Collector Current - A
−1
−10
−100 m
−10 m
−1 m
10
100
1000
VC E =
−2 V


Similar Part No. - 2SB1657

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1657 SAVANTIC-2SB1657 Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1657 JMNIC-2SB1657 Datasheet
153Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1657 ISC-2SB1657 Datasheet
128Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1657 SAVANTIC-2SB1657 Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
logo
Renesas Technology Corp
2SB1657 RENESAS-2SB1657 Datasheet
174Kb / 10P
   SILICON TRANSISTOR
1996
More results

Similar Description - 2SB1657

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1658 NEC-2SB1658 Datasheet
47Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SC4181 NEC-2SC4181 Datasheet
211Kb / 4P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2582 NEC-2SD2582 Datasheet
46Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2583 NEC-2SD2583 Datasheet
46Kb / 8P
   AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
2SA1612 NEC-2SA1612 Datasheet
192Kb / 4P
   AUDIO FREQUENCY HIGH GAIN AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MPSA56 KEC-MPSA56 Datasheet
57Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com