Electronic Components Datasheet Search |
|
NRLR122M160V35X30SF Datasheet(PDF) 2 Page - NIC-Components Corp. |
|
NRLR122M160V35X30SF Datasheet(HTML) 2 Page - NIC-Components Corp. |
2 / 11 page 2 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Part Number Cap ( μF) W.V. Case Size ESR ( Ω @ 20°C) Max. Ripple Current (Arms@85°C) 120Hz 20KHz 120Hz 10K ~ 50KHz NRLR103M10V20X25SF 10,000 10 20x25 0.092 0.071 2.22 2.55 NRLR123M10V20X30SF 12,000 20x30 0.076 0.059 2.44 2.80 NRLR123M10V22X25SF 22x25 0.076 0.059 2.41 2.77 NRLR153M10V20X35SF 15,000 20x35 0.061 0.047 2.90 3.33 NRLR153M10V22X30SF 22x30 0.061 0.047 2.88 3.31 NRLR153M10V25X25SF 25x25 0.061 0.047 2.88 3.31 NRLR183M10V20X40SF 18,000 20x40 0.051 0.039 3.31 3.80 NRLR183M10V22X35SF 22x35 0.051 0.039 3.32 3.81 NRLR183M10V25X30SF 25x30 0.051 0.039 3.08 3.54 NRLR223M10V22X40SF 22,000 22x40 0.042 0.032 3.79 4.35 NRLR223M10V25X30SF 25x30 0.042 0.032 3.66 4.20 NRLR223M10V30X25SF 30x25 0.042 0.032 3.58 4.11 NRLR273M10V22X45SF 27,000 22x45 0.034 0.026 4.04 4.64 NRLR273M10V25X35SF 25x35 0.034 0.026 4.04 4.64 NRLR273M10V30X30SF 30x30 0.034 0.026 3.99 4.58 NRLR333M10V22X50SF 33,000 22x50 0.028 0.022 4.58 5.26 NRLR333M10V25X40SF 25x40 0.028 0.022 4.56 5.24 NRLR333M10V30X30SF 30x30 0.028 0.022 4.58 5.26 NRLR392M10V25X45SF 39,000 25x45 0.024 0.018 5.29 6.08 NRLR392M10V30X35SF 30x35 0.024 0.018 5.21 5.99 NRLR393M10V35X30SF 35x30 0.024 0.018 5.05 5.80 NRLR473M10V25X50SF 47,000 25x50 0.020 0.015 5.78 6.64 NRLR473M10V30X40SF 30x40 0.020 0.015 5.78 6.64 NRLR473M10V35X35SF 35x35 0.020 0.015 5.55 6.38 NRLR563M10V30X45SF 56,000 30x45 0.017 0.013 6.59 7.57 NRLR563M10V35X35SF 35x35 0.017 0.013 6.40 7.36 NRLR683M10V30X50SF 68,000 30x50 0.014 0.011 7.50 8.62 NRLR683M10V35X40SF 35x40 0.014 0.011 7.48 8.60 NRLR823M10V35X50SF 82,000 35x50 0.012 0.009 8.50 9.77 NRLR822M16V20X25SF 8,200 16 20x25 0.102 0.078 2.56 2.94 NRLR103M16V20X30SF 10,000 20x30 0.083 0.064 2.85 3.27 NRLR103M16V22X25SF 22x25 0.083 0.064 2.85 3.27 NRLR123M16V20X35SF 12,000 20x35 0.070 0.054 3.20 3.68 NRLR123M16V22X30SF 22x30 0.070 0.054 3.20 3.68 NRLR153M16V20X40SF 15,000 20x40 0.056 0.043 3.70 4.25 NRLR153M16V22X35SF 22x35 0.056 0.043 3.70 4.25 NRLR153M16V25X25SF 25x25 0.056 0.043 3.70 4.25 NRLR183M16V22X40SF 18,000 22x40 0.047 0.036 3.98 4.57 NRLR183M16V25X30SF 25x30 0.047 0.036 3.98 4.57 NRLR223M16V22X45SF 22,000 22x45 0.038 0.029 4.52 5.19 NRLR223M16V25X35SF 25x35 0.038 0.029 4.52 5.19 NRLR223M16V30X25SF 30x25 0.038 0.029 4.52 5.19 NRLR273M16V22X50SF 27,000 22x50 0.031 0.024 4.98 5.72 NRLR273M16V25X40SF 25x40 0.031 0.024 4.98 5.72 NRLR273M16V30X30SF 30x30 0.031 0.024 4.98 5.72 NRLR333M16V25X45SF 33,000 25x45 0.026 0.020 5.49 6.31 NRLR333M16V30X35SF 30x35 0.026 0.020 5.49 6.31 NRLR333M16V35X30SF 35x30 0.026 0.020 5.49 6.31 NRLR333M16V25X50SF 39,000 25x50 0.022 0.017 6.11 7.02 NRLR333M16V30X40SF 30x40 0.022 0.017 6.11 7.02 NRLR333M16V35X35SF 35x35 0.022 0.017 6.11 7.02 NRLR473M16V30X45SF 47,000 30x45 0.018 0.014 6.80 7.82 NRLR473M16V35X35SF 35x35 0.018 0.014 6.80 7.82 NRLR563M16V30X50SF 56,000 30x50 0.015 0.012 7.62 8.76 NRLR563M16V35X40SF 35x40 0.015 0.012 7.62 8.76 NRLR683M16V35X45SF 68,000 35x45 0.013 0.010 8.45 9.71 NRLR823M16V35X50SF 82,000 35x50 0.011 0.008 9.14 10.51 Large Can Aluminum Electrolytic Capacitors NRLR Series STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS |
Similar Part No. - NRLR122M160V35X30SF |
|
Similar Description - NRLR122M160V35X30SF |