Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR391M160V20X30SF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLR391M160V20X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR391M160V20X30SF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLR391M160V20X30SF Datasheet HTML 1Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLR391M160V20X30SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR222M50V20X25SF
2,200
50
20x25
0.264
0.203
2.07
2.38
NRLR272M50V20X30SF
2,700
20x30
0.215
0.166
2.21
2.54
NRLR272M50V22X25SF
22x25
0.215
0.166
2.21
2.54
NRLR332M50V20X35SF
3,300
20x35
0.176
0.136
2.41
2.77
NRLR332M50V22X30SF
22x30
0.176
0.136
2.41
2.77
NRLR392M50V20X40SF
3,900
20x40
0.149
0.115
2.72
3.12
NRLR392M50V22X30SF
22x30
0.149
0.115
2.72
3.12
NRLR392M50V25X25SF
25x25
0.149
0.115
2.72
3.12
NRLR472M50V22X35SF
4,700
22x35
0.124
0.095
3.01
3.46
NRLR472M50V25X30SF
25x30
0.124
0.095
3.01
3.46
NRLR562M50V22X40SF
5,600
22x40
0.104
0.080
3.43
3.94
NRLR562M50V25X35SF
25x35
0.104
0.080
3.43
3.94
NRLR562M50V30X25SF
30x25
0.104
0.080
3.43
3.94
NRLR682M50V22X45SF
6,800
22x45
0.086
0.066
3.94
4.53
NRLR682M50V25X35SF
25x35
0.086
0.066
3.94
4.53
NRLR682M50V30X30SF
30x30
0.086
0.066
3.94
4.53
NRLR822M50V25X40SF
8,200
25x40
0.071
0.055
4.37
5.02
NRLR822M50V30X35SF
30x35
0.071
0.055
4.37
5.02
NRLR103M50V25X50SF
10,000
25x50
0.059
0.045
5.02
5.77
NRLR103M50V30X40SF
30x40
0.059
0.045
5.02
5.77
NRLR103M50V35X30SF
35x30
0.059
0.045
5.02
5.77
NRLR123M50V30X45SF
12,000
30x45
0.049
0.038
5.60
6.44
NRLR123M50V35X35SF
35x35
0.049
0.038
5.60
6.44
NRLR153M50V30X50SF
15,000
30x50
0.039
0.030
6.44
7.40
NRLR153M50V35X40SF
35x40
0.039
0.030
6.44
7.40
NRLR183M50V35X45SF
18,000
35x45
0.033
0.025
6.71
7.71
NRLR152M63V20X25SF
1,500
63
20x25
0.332
0.256
1.69
1.94
NRLR182M63V20X30SF
1,800
20x30
0.277
0.213
2.04
2.34
NRLR182M63V22X25SF
22x25
0.277
0.213
2.04
2.34
NRLR222M63V20X35SF
2,200
20x35
0.227
0.174
2.40
2.76
NRLR222M63V22X30SF
22x30
0.227
0.174
2.40
2.76
NRLR272M63V20X40SF
2,700
20x40
0.185
0.142
2.52
2.89
NRLR272M63V22X35SF
22x35
0.185
0.142
2.52
2.89
NRLR272M63V25X25SF
25x25
0.185
0.142
2.52
2.89
NRLR332M63V22X40SF
3,300
22x40
0.151
0.116
2.69
3.09
NRLR332M63V25X30SF
25x30
0.151
0.116
2.69
3.09
NRLR392M63V22X45SF
3,900
22x45
0.128
0.099
3.10
3.56
NRLR392M63V25X35SF
25x35
0.128
0.099
3.10
3.56
NRLR392M63V30X25SF
30x25
0.128
0.099
3.10
3.56
NRLR472M63V22X50SF
4,700
22x50
0.106
0.082
3.49
4.01
NRLR472M63V25X40SF
25x40
0.106
0.082
3.49
4.01
NRLR472M63V30X30SF
30x30
0.106
0.082
3.49
4.01
NRLR562M63V25X45SF
5,600
25x45
0.089
0.069
3.81
4.38
NRLR562M63V30X35SF
30x35
0.089
0.069
3.81
4.38
NRLR682M63V25X50SF
6,800
25x50
0.074
0.057
4.41
5.07
NRLR682M63V30X40SF
30x40
0.074
0.057
4.41
5.07
NRLR682M63V35X30SF
35x30
0.074
0.057
4.41
5.07
NRLR822M63V30X45SF
8,200
30x45
0.061
0.047
4.90
5.63
NRLR822M63V35X35SF
35x35
0.061
0.047
4.90
5.63
NRLR103M63V30X50SF
10,000
30x50
0.050
0.039
5.49
6.31
NRLR103M63V35X40SF
35x40
0.050
0.039
5.49
6.31
NRLR123M63V35X45SF
12,000
35x45
0.042
0.032
6.30
7.24


Similar Part No. - NRLR391M160V20X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR393M100V20X25F NIC-NRLR393M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M100V20X30F NIC-NRLR393M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M100V22X25X30X40F NIC-NRLR393M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M100V35X30F NIC-NRLR393M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M10V20X25F NIC-NRLR393M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR391M160V20X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com