Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLCW561M400V35X45SF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLCW561M400V35X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLCW561M400V35X45SF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLCW561M400V35X45SF Datasheet HTML 1Page - NIC-Components Corp. NRLCW561M400V35X45SF Datasheet HTML 2Page - NIC-Components Corp. NRLCW561M400V35X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLCW561M400V35X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLCW561M400V35X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLCW561M400V35X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLCW561M400V35X45SF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
Load Life
@ +105°C
(Hours)
120Hz
120Hz
50KHz
NRLCW681M180V35X25SF
680
180
35X25
0.37
1.79
2.15
3000
NRLCW821M180V25.4X51SF
820
25.4X51
0.30
1.98
2.38
3000
NRLCW821M180V30X41SF
820
30X41
0.30
1.98
2.38
3000
NRLCW821M180V35X31SF
820
35X31
0.30
1.98
2.38
3000
NRLCW102M180V30X45SF
1000
30X45
0.25
2.20
2.64
3000
NRLCW102M180V35X35SF
1000
35X35
0.25
2.20
2.64
3000
NRLCW122M180V30X51SF
1200
30X51
0.21
2.38
2.86
3000
NRLCW122M180V35X41SF
1200
35X41
0.21
2.38
2.86
3000
NRLCW152M180V35X45SF
1500
35X45
0.17
2.82
3.38
3000
NRLCW182M180V35X51SF
1800
35X51
0.14
3.15
3.78
3000
NRLCW271M200V22X25SF
270
200
22X25
0.92
1.10
1.32
3000
NRLCW331M200V22X31SF
330
22X31
0.75
1.15
1.38
3000
NRLCW391M200V22X35SF
390
22X35
0.64
1.21
1.45
3000
NRLCW391M200V25.4X31SF
390
25.4X31
0.64
1.20
1.44
3000
NRLCW471M200V22X41SF
470
22X41
0.53
1.33
1.60
3000
NRLCW471M200V25.4X35SF
470
25.4X35
0.53
1.32
1.58
3000
NRLCW561M200V22X45SF
560
22X45
0.44
1.47
1.76
3000
NRLCW561M200V25.4X41SF
560
25.4X41
0.44
1.46
1.75
3000
NRLCW561M200V30X31SF
560
30X31
0.44
1.46
1.75
3000
NRLCW681M200V22X51SF
680
22X51
0.37
1.61
1.93
3000
NRLCW681M200V25.4X45SF
680
25.4X45
0.37
1.62
1.94
3000
NRLCW681M200V30X35SF
680
30X35
0.37
1.63
1.96
3000
NRLCW821M200V25.4X51SF
820
25.4X51
0.30
1.78
2.14
3000
NRLCW821M200V30X41SF
820
30X41
0.30
1.83
2.20
3000
NRLCW821M200V35X31SF
820
35X31
0.30
1.82
2.18
3000
NRLCW102M200V30X45SF
1000
30X45
0.25
2.10
2.52
3000
NRLCW102M200V35X35SF
1000
35X35
0.25
2.10
2.52
3000
NRLCW122M200V30X51SF
1200
30X51
0.21
2.41
2.89
3000
NRLCW122M200V35X41SF
1200
35X41
0.21
2.42
2.90
3000
NRLCW152M200V35X45SF
1500
35X45
0.17
2.81
3.37
3000
NRLCW182M200V35X51SF
1800
35X51
0.14
3.05
3.66
3000
NRLCW221M220V22X25SF
220
220
(Continue
next page)
22X25
1.13
0.90
1.08
3000
NRLCW271M220V22X31SF
270
22X31
0.92
0.95
1.14
3000
NRLCW331M220V22X31SF
330
22X31
0.75
1.20
1.44
3000
NRLCW331M220V25.4X31SF
330
25.4X31
0.75
1.15
1.38
3000
NRLCW391M220V22X35SF
390
22X35
0.64
1.30
1.56
3000
NRLCW391M220V25.4X31SF
390
25.4X31
0.64
1.32
1.58
3000
NRLCW471M220V22X41SF
470
22X41
0.53
1.52
1.82
3000
NRLCW471M220V25.4X35SF
470
25.4X35
0.53
1.40
1.68
3000
NRLCW471M220V30X31SF
470
30X31
0.53
1.35
1.62
3000
NRLCW561M220V22X45SF
560
22X45
0.44
1.61
1.93
3000
NRLCW561M220V25.4X41SF
560
25.4X41
0.44
1.51
1.81
3000
NRLCW561M220V30X31SF
560
30X31
0.44
1.51
1.81
3000
NRLCW681M220V25.4X51SF
680
25.4X51
0.37
1.71
2.05
3000
NRLCW681M220V30X35SF
680
30X35
0.37
1.66
1.99
3000
NRLCW681M220V35X31SF
680
35X31
0.37
1.62
1.94
3000
NRLCW821M220V35X41SF
820
35X41
0.30
1.86
2.23
3000
NRLCW821M220V30X41SF
820
30X41
0.30
1.82
2.18
3000
NRLCW821M220V35X35SF
820
35X35
0.30
1.76
2.11
3000
Large Can Aluminum Electrolytic Capacitors
NRLCW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLCW561M400V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLCW561M160V22X41SF NIC-NRLCW561M160V22X41SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW561M160V25.4X31SF NIC-NRLCW561M160V25.4X31SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW561M160V30X25SF NIC-NRLCW561M160V30X25SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW561M160V35X25SF NIC-NRLCW561M160V35X25SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLCW561M180V22X45SF NIC-NRLCW561M180V22X45SF Datasheet
347Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLCW561M400V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com