Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQPJS04K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQPJS04K
Description  6.0mm x 3.5 mm Square Light Touch Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPJS04K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQPJS04K Datasheet HTML 1Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 2Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 3Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 4Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Light Touch Switches/EVQPJ
No. 3
±
±
±
±
±
±
+
±
EVQPJG04Q
1.0 N
4.3 mm
Grey
50000 cycles
EVQPJG05Q
1.0 N
5.0 mm
Grey
50000 cycles
EVQPJH04K
1.6 N
4.3 mm
Black
50000 cycles
EVQPJH05K
1.6 N
5.0 mm
Black
50000 cycles
EVQPJJ04T
2.4 N
4.3 mm
Brown
30000 cycles
EVQPJJ05T
2.4 N
5.0 mm
Brown
30000 cycles
Part Numbers
Operating Force
Height
Knob Color
Operating Life
Japan
EVQPJG
EVQPJH
EVQPJJ
(Radial Taping)
n Dimensions in mm (not to scale)


Similar Part No. - EVQPJS04K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0405M PANASONIC-EVQP0405M Datasheet
76Kb / 3P
   Light Touch Switches/EVQP0/P1/9P
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com