Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWP1R0M450V63X11F Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRWP1R0M450V63X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWP1R0M450V63X11F Datasheet(HTML) 6 Page - NIC-Components Corp.

  NRWP1R0M450V63X11F Datasheet HTML 1Page - NIC-Components Corp. NRWP1R0M450V63X11F Datasheet HTML 2Page - NIC-Components Corp. NRWP1R0M450V63X11F Datasheet HTML 3Page - NIC-Components Corp. NRWP1R0M450V63X11F Datasheet HTML 4Page - NIC-Components Corp. NRWP1R0M450V63X11F Datasheet HTML 5Page - NIC-Components Corp. NRWP1R0M450V63X11F Datasheet HTML 6Page - NIC-Components Corp. NRWP1R0M450V63X11F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Taping Dimensions (mm)
SPECIAL STRAIGHT LEAD TAPING TBST*
Case Dia.
(D
φ)
5
6.3
8
Case Size
5x11
6.3x11
8x11.5
Dim.
d
φ ±0.05
0.5
0.5
0.6
H ±0.75
18.5
18.5
20.0
F +0.8 ~ -0.2
2.0
2.5
3.5
P ±1.0
12.7 ±0.2
P
0
12.7 ±0.2
P
1
5.1
5.1
4.6
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0
φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
* Parts with 4mm diameter are taped with a slight flare in the
lead and a 2.0mm lead-space.
Case Dia.
(D
φ)
5
Case Size
5x11
Dim.
d
φ ±0.05
0.5
H ±0.75
18.5
H0 ±0.5
-
F
2.5 -02 ~ +0.8
P
12.7 ±1.0
P
0
12.7 ±0.2
P1
5.1 ±0.5
P2
6.35 ±1.0
W
18.0 ±0.5
W0
11.5 min.
W1
9.0 ±0.5
W2
0 ~ 1.5
I
1.0 max.
D0φ
4.0 ±0.2
Δh
0 ±1.0
t
0.7 ±0.2
Taping Dimensions (mm)
P
2
P
∅D
P
1
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
H
1max
t
Δh
H0
1max
t
Δh
P
2
P
∅D
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
1
H
*Straight leads will extend from the based of the component to
the edge of the carrier. The section of lead below the adhesive
tape may be straight or formed.
Miniature Aluminum Electrolytic Capacitors
NRWP Series


Similar Part No. - NRWP1R0M450V63X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWP101M100V10X12.5F NIC-NRWP101M100V10X12.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP101M100V10X20F NIC-NRWP101M100V10X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP101M100V12.5X20F NIC-NRWP101M100V12.5X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP101M100V16X25F NIC-NRWP101M100V16X25F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP101M100V16X31.5F NIC-NRWP101M100V16X31.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWP1R0M450V63X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com