Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W48C111-17 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W48C111-17
Description  100-MHz Mobile Motherboard System Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48C111-17 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W48C111-17 Datasheet HTML 1Page - Cypress Semiconductor W48C111-17 Datasheet HTML 2Page - Cypress Semiconductor W48C111-17 Datasheet HTML 3Page - Cypress Semiconductor W48C111-17 Datasheet HTML 4Page - Cypress Semiconductor W48C111-17 Datasheet HTML 5Page - Cypress Semiconductor W48C111-17 Datasheet HTML 6Page - Cypress Semiconductor W48C111-17 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
W48C111-17
PRELIMINARY
3
Spread Spectrum Feature
The device generates a clock that is frequency modulated in
order to increase the bandwidth that it occupies. By increasing
the bandwidth of the fundamental and its harmonics, the am-
plitudes of the radiated electromagnetic emissions are re-
duced. This effect is depicted in Figure 1.
As shown in Figure 1, a harmonic of a modulated clock has a
much lower amplitude than that of an unmodulated signal. The
reduction in amplitude is dependent on the harmonic number
and the frequency deviation or spread. The equation for the
reduction is:
dB = 6.5 + 9*log10(P) + 9*log10(F)
Where P is the percentage of deviation and F is the frequency
in MHz where the reduction is measured.
The output clock is modulated with a waveform depicted in
Figure 2. This waveform, as discussed in “Spread Spectrum
Clock Generation for the Reduction of Radiated Emissions” by
Bush, Fessler, and Hardin produces the maximum reduction
in the amplitude of radiated electromagnetic emissions. The
deviation selected for this chip is –0.5% of the center frequen-
cy. Figure 2 details the Cypress spreading pattern. Cypress
does offer options with more spread and greater EMI reduc-
tion. Contact your local Sales representative for details on
these devices.
Spread
Spectrum
Enabled
EM I R eduction
S pread
S pectrum
Non-
Figure 1. Typical Clock and SSFTG Comparison
MAX (+0.5%)
MIN (–0.5%)
Figure 2. Typical Modulation Profile


Similar Part No. - W48C111-17

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48C111-16 CYPRESS-W48C111-16 Datasheet
115Kb / 7P
   Frequency Generator for Integrated Core Logic
More results

Similar Description - W48C111-17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-92 ICST-ICS9248-92 Datasheet
341Kb / 14P
   Mobile Pentium IITM System Clock Chip
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
   Motherboard Clock Generator
logo
NXP Semiconductors
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
NXP Semiconductors
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
   CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
   SMBus System Clock Buffer for Mobile Applications
logo
NXP Semiconductors
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
   CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com