Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W48C111-17 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W48C111-17
Description  100-MHz Mobile Motherboard System Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48C111-17 Datasheet(HTML) 6 Page - Cypress Semiconductor

  W48C111-17 Datasheet HTML 1Page - Cypress Semiconductor W48C111-17 Datasheet HTML 2Page - Cypress Semiconductor W48C111-17 Datasheet HTML 3Page - Cypress Semiconductor W48C111-17 Datasheet HTML 4Page - Cypress Semiconductor W48C111-17 Datasheet HTML 5Page - Cypress Semiconductor W48C111-17 Datasheet HTML 6Page - Cypress Semiconductor W48C111-17 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
W48C111-17
PRELIMINARY
6
Document #:38-00843
REF Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to
frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
40
48-MHz Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see m/n below)
48.008
MHz
fD
Deviation from 48 MHz
(48.008 – 48)/48
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/17 = 48.008 MHz)
57/17
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to fre-
quency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
40
Ordering Information
Ordering Code
Freq. Mask
Code
Package
Name
Package Type
W48C111
-17
H
28-pin SSOP (209 mils)


Similar Part No. - W48C111-17

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48C111-16 CYPRESS-W48C111-16 Datasheet
115Kb / 7P
   Frequency Generator for Integrated Core Logic
More results

Similar Description - W48C111-17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-92 ICST-ICS9248-92 Datasheet
341Kb / 14P
   Mobile Pentium IITM System Clock Chip
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
   Motherboard Clock Generator
logo
NXP Semiconductors
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
NXP Semiconductors
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
   CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
   SMBus System Clock Buffer for Mobile Applications
logo
NXP Semiconductors
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
   CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com