Electronic Components Datasheet Search |
|
NRLCW471M315V30X51SF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRLCW471M315V30X51SF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 7 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Operating Temperature Range -25 ~ +105°C Rated Voltage Range 160 ~ 450Vdc Rated Capacitance Range 56 ~ 2,200 μF Capacitance Tolerance ±20% (M) Max. Leakage Current ( μA) After 5 minutes (20°C) <3 * CV ( μA) Max. Tan δ at 120Hz/20°C W.V. (Vdc) 160 180 200 220 250 315 350 385 400 420 450 Tan δ max. 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.20 0.20 Surge Voltage W.V. (Vdc) 160 180 200 220 250 315 350 385 400 420 450 S.V. (Vdc) 200 225 250 270 300 370 400 440 450 470 500 Ripple Current Frequency Correction Factors Frequency (Hz) 50 120 300 1K 10K 50K Multiplier at 105°C 160 ~ 315Vdc 0.80 1.00 1.15 1.17 1.20 1.20 400 ~ 450Vdc 0.77 1.00 1.16 1.30 1.41 1.43 Ripple Current Temperature Correction Factors Temperature (°C) 40 60 70 85 105 - Multiplier 2.47 2.37 2.17 1.67 1.00 - Low Temperature Stability (Impedance Ratio) W.V. (Vdc) 160 180 200 220 250 315 350 385 400 420 450 Z-25°C/+20°C 7 Load Life Test 3,000 hours at +105°C Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Shelf Life Test 1,000 hours at +105°C (no load) Capacitance Change Within ±15% of initial measured value Tan δ Less than 150% of specified maximum value Leakage Current Less than specified maximum value Surge Voltage Test 1,000 Cycles 30 seconds "On" and 5.5 minutes "Off" @ +15°C ~ +35°C Capacitance Change Within ±15% of initial measured value Tan δ Less than specified maximum value Leakage Current Less than specified maximum value Soldering Effect Solder Bath Temp.: +260 ± 5°C Pre-heat: 120 ± 2 sec. to +120 ± 2°C Capacitance Change Within ±10% of initial measured value Tan δ Less than specified maximum value Leakage Current Less than specified maximum value Large Can Aluminum Electrolytic Capacitors NRLCW Series FEATURES • LONG LIFE AT +105°C (3,000 HOURS) • HIGH RIPPLE CURRENT • HIGH DENSITY DESIGN • SUITABLE FOR SWITCHING POWER SUPPLIES SPECIFICATIONS MECHANICAL CHARACTERISTICS: 1. Safety Vent: The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure is developed by circuit malfunction or mis-use like reverse voltage. 2. Terminal Strength: Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds. NRLCW 221 M 400V 22X51 S F RoHS compliant Lead Length (S=4mm) Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series PART NUMBER SYSTEM PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com *See Part Number System for Details RoHS Compliant includes all homogeneous materials Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency. Recommended PC Board Mounting Holes: Sleeve Color: Black Can Top Safety Vent PET Sleeve with Minus Polarity Marking D+1 Max. L ± 2 10 (-) (+) MAXIMUM EXPANSION FOR SAFETY VENT Approx. 3.0mm 10 ± 0.5 ∅= 2 ± 0.1 D ∅ ± 0.5 Chassis PC Board 4.0 ± 0.5 Note: Please note NRLCW product series is specifically designed for use in commercial & consumer applications. For mission critical or industrial applications, NIC recommends our NRLFW / NRLMW / NRLPW / NRLRW series products. Please consult NIC product specifications available on www. niccomp.com. If in doubt, please contact NIC to review your requirements (appreview@niccomp.com) |
Similar Part No. - NRLCW471M315V30X51SF |
|
Similar Description - NRLCW471M315V30X51SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |